Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 7 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 3Page - Analog Devices ADN2913 Datasheet HTML 4Page - Analog Devices ADN2913 Datasheet HTML 5Page - Analog Devices ADN2913 Datasheet HTML 6Page - Analog Devices ADN2913 Datasheet HTML 7Page - Analog Devices ADN2913 Datasheet HTML 8Page - Analog Devices ADN2913 Datasheet HTML 9Page - Analog Devices ADN2913 Datasheet HTML 10Page - Analog Devices ADN2913 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Data Sheet
ADN2913
Rev. B | Page 7 of 35
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LVTTL DC INPUT CHARACTERISITICS
(I2C_ADDR Pin)
Input Voltage
High
VIH
2.0
V
Low
VIL
0.8
V
Input Current
High
IIH, VIN = 2.4 V
5
µA
Low
IIL, VIN = 0.4 V
−5
µA
LVTTL DC OUTPUT CHARACTERISITICS
(LOS/LOL Pins)
Output Voltage
High
VOH, IOH = +2.0 mA
2.4
V
Low
VOL, IOL = −2.0 mA
0.4
V
REFERENCE CLOCK CHARACTERISTICS
Optional LTR mode
Input Compliance Voltage
(Common-Mode Voltage Referred
to Ground)
VCM (no input offset, no input current),
see Figure 30, ac-coupled input
0.55
1.0
V
Minimum Input Drive
See Figure 30, ac-coupled, differential input
100
mV p-p diff
Reference Frequency
11.05
176.8
MHz
Required Accuracy3
AC-coupled, differential input
100
ppm
1
Fibre Channel Physical Interface-4 standard, FC-PI-4, Rev 8.00, May 21, 2008.
2
Cb is the total capacitance of one bus line in picofarads (pF). If mixed with high speed (HS) mode devices, faster rise/fall times are allowed (refer to the Philips
I2C Bus Specification, Version 2.1).
3
Required accuracy in dc-coupled mode is guaranteed by design as long as the clock common-mode voltage output matches the reference clock common-
mode voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com