Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 14 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 10Page - Analog Devices ADN2913 Datasheet HTML 11Page - Analog Devices ADN2913 Datasheet HTML 12Page - Analog Devices ADN2913 Datasheet HTML 13Page - Analog Devices ADN2913 Datasheet HTML 14Page - Analog Devices ADN2913 Datasheet HTML 15Page - Analog Devices ADN2913 Datasheet HTML 16Page - Analog Devices ADN2913 Datasheet HTML 17Page - Analog Devices ADN2913 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
ADN2913
Data Sheet
Rev. B | Page 14 of 35
REGISTER MAP
Writing to register bits other than those labeled in Table 7 is not recommended and may cause unintended results.
Table 7. Internal Register Map1
Reg Name
R/W
Addr
(Hex)
Default
(Hex)
D7
D6
D5
D4
D3
D2
D1
D0
Readback/Status
FREQMEAS0
R
0x0
X
FREQ0[7:0] (RATE_FREQ[7:0])
FREQMEAS1
R
0x1
X
FREQ1[7:0] (RATE_FREQ[15:8])
FREQMEAS2
R
0x2
X
FREQ2[7:0] (RATE_FREQ[23:16])
FREQ_RB1
R
0x4
X
VCOSEL[7:0]
FREQ_RB2
R
0x5
X
X
FULLRATE
DIVRATE[3:0]
VCOSEL[9:8]
STATUSA
R
0x6
X
X
X
LOS
status
LOL
status
LOS done
Static LOL
X
RATE_
MEAS_
COMP
General Control
CTRLA
R/W
0x8
0x10
0
CDR_MODE[2:0]
0
Reset static
LOL
RATE_
MEAS_
EN
RATE_
MEAS_
RESET
CTRLB
R/W
0x9
0x00
SOFTWARE_
RESET
INIT_
FREQ_
ACQ
CDR
bypass
LOL_
CONFIG
LOS_PDN
LOS
polarity
0
0
CTRLC
R/W
0xA
0x05
0
0
0
0
0
REFCLK_
PDN
0
1
FLL Control
LTR_MODE
R/W
0xF
0x00
0
LOL data
FREF_RANGE[1:0]
DATA_TO_REF_RATIO[3:0]
D/PLL Control
DPLLA
R/W
0x10
0x1C
0
0
0
EDGE_SEL[1:0]
TRANBW[2:0]
DPLLD
R/W
0x13
0x06
0
0
0
0
0
ADAPTIVE_
SLICE_EN
DLL_SLEW[1:0]
Phase
R/W
0x14
0x00
0
0
0
0
SAMPLE_PHASE[3:0]
Slice
W
0x15
X
Extended
slice
Slice[6:0]
LA_EQ
R/W
0x16
0x08
RX_TERM_
FLOAT
INPUT_SEL[1:0]
ADAPTIVE_
EQ_EN
EQ_BOOST[3:0]
Slice
Readback
R
0x73
X
SLICE_RB[7:0]
Output Control
OUTPUTA
R/W
0x1E
0x00
0
0
Data
squelch
DATOUT_
DISABLE
CLKOUT_
DISABLE
DDR_
DISABLE
DATA_
POLARITY
CLOCK_
POLARITY
OUTPUTB
R/W
0x1F
0xCC
DATA_SWING[3:0]
CLOCK_SWING[3:0]
LOS Control
LOS_DATA
R/W
0x36
0x00
LOS_DATA[7:0]
LOS_CTRL
R/W
0x74
0x00
0
0
LOS_
WRITE
LOS_
ENABLE
LOS_
RESET
LOS_ADDRESS[2:0]
LOS_THRESH
R/W
0x38
0x0A
LOS_THRESHOLD[7:0]
PRBS Control
PRBS Gen 1
R/W
0x39
0x00
0
0
DATA_
CID_BIT
DATA_
CID_EN
0
DATA_
GEN_EN
DATA_GEN_MODE[1:0]
PRBS Gen 2
R/W
0x3A
0x00
DATA_CID_LENGTH[7:0]
PRBS Gen 3
R/W
0x3B
0x00
PROG_DATA[7:0]
PRBS Gen 4
R/W
0x3C
0x00
PROG_DATA[15:8]
PRBS Gen 5
R/W
0x3D
0x00
PROG_DATA[23:16]
PRBS Gen 6
R/W
0x3E
0x00
PROG_DATA[31:24]
PRBS Rec 1
R/W
0x3F
0x00
0
0
0
0
DATA_
RECEIVER_
CLEAR
DATA_
RECEIVER_
ENABLE
DATA_RECEIVER_
MODE[1:0]
PRBS Rec 2
R
0x40
0x00
PRBS_ERROR_COUNT[7:0]
PRBS Rec 3
R
0x41
0x00
X
X
X
X
X
X
X
PRBS_
ERROR
PRBS Rec 4
R
0x42
X
DATA_LOADED[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com