Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 4 Page - Analog Devices

  ADN2913 Datasheet HTML 1Page - Analog Devices ADN2913 Datasheet HTML 2Page - Analog Devices ADN2913 Datasheet HTML 3Page - Analog Devices ADN2913 Datasheet HTML 4Page - Analog Devices ADN2913 Datasheet HTML 5Page - Analog Devices ADN2913 Datasheet HTML 6Page - Analog Devices ADN2913 Datasheet HTML 7Page - Analog Devices ADN2913 Datasheet HTML 8Page - Analog Devices ADN2913 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ADN2913
Data Sheet
Rev. B | Page 4 of 35
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY VOLTAGE
VCC
1.14
1.2
1.26
V
VDD
2.97
3.3
3.63
V
VCC1
1.62
1.8
3.63
V
POWER SUPPLY CURRENT
Limiting amplifier mode, clock output enabled
VCC
1.25 Gbps
277.1
311.0
mA
3.125 Gbps
256.2
288.3
mA
4.25 Gbps
270.1
304.0
mA
6.144 Gbps
303.1
340.4
mA
8GFC,2 JTSPAT
319.1
359.5
mA
VDD
1.25 Gbps
7.24
8.28
mA
3.125 Gbps
7.21
8.21
mA
4.25 Gbps
7.23
8.33
mA
6.144 Gbps
7.26
8.17
mA
8GFC,2 JTSPAT
7.20
8.1
mA
VCC1
1.25 Gbps
35.6
46.8
mA
3.125 Gbps
19.0
24.1
mA
4.25 Gbps
22.2
28.2
mA
6.144 Gbps
19.4
24.6
mA
8GFC,2 JTSPAT
22.2
28.4
mA
TOTAL POWER DISSIPATION
Clock Output Enabled
Limiting amplifier mode, 1.25 Gbps
420.4
mW
Limiting amplifier mode, 3.125 Gbps
365.5
mW
Limiting amplifier mode, 4.25 Gbps
388
mW
Limiting amplifier mode, 6.144 Gbps
422.5
mW
Limiting amplifier mode, 8GFC,2 JTSPAT
446.6
mW
Clock Output Disabled
Equalizer mode, 8.5 Gbps
352
mW
Limiting amplifier mode, 6.144 Gbps
380
mW
0 dB EQ mode, 622 Mbps
340
mW
OPERATING TEMPERATURE RANGE
−40
+85
°C
1
See Figure 34.
2
Fibre Channel Physical Interface-4 standard, FC-PI-4, Rev 8.00, May 21, 2008.
3
When ac-coupled, the LOS assert and deassert times are dominated by the RC time constant of the ac coupling capacitor and the 100 Ω differential input termination
of the ADN2913 input stage.
4
This typical acquisition specification applies to all selectable reference clock frequencies in the range of 11.05 MHz to 176.8 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com