Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 24 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 20Page - Analog Devices ADN2913 Datasheet HTML 21Page - Analog Devices ADN2913 Datasheet HTML 22Page - Analog Devices ADN2913 Datasheet HTML 23Page - Analog Devices ADN2913 Datasheet HTML 24Page - Analog Devices ADN2913 Datasheet HTML 25Page - Analog Devices ADN2913 Datasheet HTML 26Page - Analog Devices ADN2913 Datasheet HTML 27Page - Analog Devices ADN2913 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
ADN2913
Data Sheet
Rev. B | Page 24 of 35
DATA
CLOCK
NOTES
1. PHASE REFERS TO SAMPLE_PHASE[3:0]
PHASE = 4
PHASE = 7
PHASE = –4
PHASE = –8
PHASE = 0
(DEFAULT)
Figure 26. Data vs. Sampling Clock
The LOS detector and the slice level adjust can be used simulta-
neously on the ADN2913. Therefore, any offset added to the
input signal by the slice[6:0] bits does not affect the LOS detector
measurement of the absolute input level.
LOS Power-Down
By default, the LOS detector is enabled and consumes power.
The LOS detector is placed in a low power mode by setting
LOS_PDN = 1 (Bit D3 in Register 0x9).
LOS Threshold
The LOS threshold has a range between 0 mV and 128 mV and
is set by writing the number of millivolts (mV) to Register 0x36
followed by toggling the LOS_ENABLE bit in Register 0x74
while LOS_ADDRESS is set to 1. The following is a procedure
for writing the LOS threshold:
1.
Write 0x21 to LOS_CTRL (Register 0x74).
2.
Write the desired threshold in millivolts to LOS_DATA
(Register 0x36).
3.
Write 0x31 to LOS_CTRL (Register 0x74).
4.
Write 0x21 to LOS_CTRL (Register 0x74).
The LOS threshold can be set to a value between 0 mV and
63 mV in 1 mV steps and from 64 mV to 128 mV in 2 mV
steps. In the lower range, all of the bits are active, giving 1
mV/LSB resolution, where Bit D0 is the LSB. In the upper
range, Bit D0 is disabled (that is, D0 = 0), making Bit D1 the
LSB and resulting in 2 mV/LSB resolution.
The LOS_CTRL register contains the necessary address and
write enable bits to program this LOS threshold.
Signal Strength Measurement
The LOS detector measures and digitizes the peak-to-peak
amplitude of the received signal. A single shot measurement is
taken by writing the following sequence of bytes to LOS_CTRL
at Address 0x74: 0x7, 0x17, 0x7. When LOS_ENABLE goes low,
the peak-to-peak amplitude in millivolts is loaded into LOS_
DATA[7:0] (Register 0x36). The contents of LOS_DATA change
only when LOS_ENABLE (Bit D4 in Register 0x74) is toggled
low to high to low while LOS_ADDRESS[2:0] (Bits[D2:D0] in
Register 0x74) is set to 7.
PASSIVE EQUALIZER
A passive equalizer is available at the input to equalize large
signals that have undergone distortion due to PCB traces, vias,
or connectors. The adaptive EQ functions only at data rates
greater than 5.5 Gbps. Therefore, at rates less than 5.5 Gbps, the
EQ must be manually set.
The equalizer can be manually set using the LA_EQ register
(Register 0x16). An adaptive loop is also available to optimize
the EQ setting based on characteristics of the received eye at the
phase detector. If the channel is known in advance, set the EQ
manually to obtain the best performance; however, the adaptive
EQ finds the best setting in most cases.
Table 22 lists typical EQ settings for several trace lengths. The
values in Table 22 are based on measurements taken on a test
board with simple FR-4 traces. Table 23 lists the typical
maximum reach in inches of FR-4 of the EQ at several data
rates. If a real channel includes lossy connectors or vias, the
FR-4 reach length is lower. For any real-world system, it is
highly recommended to test several EQ settings with the real
channel to ensure the best signal integrity.
Table 22. EQ Settings vs. Trace Length on FR-4
Trace Length (Inches)
Typical EQ Setting
6
10
10
12
15
14
20 to 30
15
Table 23. Typical EQ Reach on FR-4 vs. Maximum Data
Rates Supported
Maximum Data Rate (Gbps)
Typical EQ Reach on FR-4 (Inches)
4
30
8
20
10
15
11
10
0 dB EQ
The 0 dB EQ path connects the input signal directly to the digital
logic inside the ADN2913. The 0 dB EQ is useful at lower data
rates where the signal is large (therefore, the limiting amplifier
is not needed and power can be saved by deselecting the limiting
amplifier) and unimpaired (therefore, the equalizer is not needed).
The signal swing of the internal digital circuit is 600 mV p-p
differential, the minimum signal amplitude that must be provided
as the input in 0 dB EQ mode.
In 0 dB EQ mode, the internal 50 Ω termination resistors can be
configured in one of two ways, either floated or tied to VCC = 1.2 V
(see Figure 31 and Table 27). By setting the RX_TERM_FLOAT
bit (Bit D7 in Register 0x16) to 1, these 50 Ω termination resistors
are floated internal to the ADN2913 (see Figure 35). By setting
the RX_TERM_FLOAT bit to 0, these 50 Ω termination resistors
are connected to VCC = 1.2 V (see Figure 36). In both termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com