Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 19 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 15Page - Analog Devices ADN2913 Datasheet HTML 16Page - Analog Devices ADN2913 Datasheet HTML 17Page - Analog Devices ADN2913 Datasheet HTML 18Page - Analog Devices ADN2913 Datasheet HTML 19Page - Analog Devices ADN2913 Datasheet HTML 20Page - Analog Devices ADN2913 Datasheet HTML 21Page - Analog Devices ADN2913 Datasheet HTML 22Page - Analog Devices ADN2913 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Data Sheet
ADN2913
Rev. B | Page 19 of 35
Table 19. Output Swing Register, OUTPUTB (Address 0x1F)
Bits
Bit Name
Bit Description
D7:D4
DATA_SWING[3:0]
Adjust data output amplitude. Step size is approximately 50 mV differential.
Default register value is 0xC. Typical differential data output amplitudes are
0x1 = invalid.
0x2 = invalid.
0x3 = invalid.
0x4 = 200 mV.
0x5 = 250 mV.
0x6 = 300 mV.
0x7 = 345 mV.
0x8 = 390 mV.
0x9 = 440 mV.
0xA = 485 mV.
0xB = 530 mV.
0xC = 575 mV.
0xD = 610 mV.
0xE = 640 mV.
0xF = 655 mV.
D3:D0
CLOCK_SWING[3:0]
Adjust clock output amplitude. Step size is approximately 50 mV differential.
Default register value is 0xC. Typical differential clock output amplitudes are
0x1 = invalid.
0x2 = invalid.
0x3 = invalid.
0x4 = 200 mV.
0x5 = 250 mV.
0x6 = 300 mV.
0x7 = 345 mV.
0x8 = 390 mV.
0x9 = 440 mV.
0xA = 485 mV.
0xB = 530 mV.
0xC = 575 mV.
0xD = 610 mV.
0xE = 640 mV.
0xF = 655 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com