Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 20 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 16Page - Analog Devices ADN2913 Datasheet HTML 17Page - Analog Devices ADN2913 Datasheet HTML 18Page - Analog Devices ADN2913 Datasheet HTML 19Page - Analog Devices ADN2913 Datasheet HTML 20Page - Analog Devices ADN2913 Datasheet HTML 21Page - Analog Devices ADN2913 Datasheet HTML 22Page - Analog Devices ADN2913 Datasheet HTML 23Page - Analog Devices ADN2913 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
ADN2913
Data Sheet
Rev. B | Page 20 of 35
THEORY OF OPERATION
The ADN2913 implements clock and data recovery for data
rates between 6.5 Mbps and 8.5 Gbps. A front end is configurable
to either amplify or equalize the nonreturn-to-zero (NRZ) input
waveform to full-scale digital logic levels, or to bypass a full
digital logic signal.
The user can choose one of three input stages to process the
data: a high gain limiting amplifier with better than 10 mV
sensitivity, a high-pass passive equalizer with up to 10 dB of
boost at 5 GHz, or a 0 dB EQ buffer with 600 mV sensitivity.
An on-chip LOS detector works with the high sensitivity limiting
amplifier. The default threshold for the LOS detector is the
sensitivity of the device, with a maximum threshold level of
128 mV p-p. The limiting amplifier slice threshold can use a
factory trim setting, a user defined threshold set by the I2C
interface, or an adjusted level for the best eye opening at the
phase detector.
When the input signal is corrupted due to FR-4 or other
impairments in the printed circuit board (PCB) traces, a passive
equalizer can be one of the signal integrity options. The equalizer
high frequency boost is configurable through the I2C registers.
A user enabled adaptation is included that automatically adjusts
the equalizer to achieve the widest eye opening. The equalizer
can be manually set for any data rate, but adaptation is available
only at data rates greater than 5.5 Gbps.
When a signal is presented to the clock and data recovery (CDR)
system, the ADN2913 acts as a delay-locked and phase-locked
loop (PLL) circuit for clock recovery and data retiming from an
NRZ encoded data stream. Input data is sampled by a high speed
clock. A digital downsampler accommodates data rates spanning
three orders of magnitude. Downsampled data is applied to a
binary phase detector (see Figure 23).
The phase of the input data signal is tracked by two separate
feedback loops. A high speed delay-locked loop (DLL) path
combines a digital integrator with a digitally controlled phase
shifter (PSH) on the DCO clock to track the high frequency
components of jitter.
A separate PLL composed of a digital integrator and DCO
tracks the low frequency components of jitter. The initial
frequency of the DCO is set by a third loop that compares the
DCO frequency with the input data frequency. This third loop
also sets the decimation ratio of the digital downsampler.
The delay-locked and PLLs together track the phase of the input
data. For example, when the clock lags the input data, the phase
detector drives the DCO to a higher frequency and decreases the
delay of the clock through the phase shifter; both of these actions
serve to reduce the phase error between the clock and data.
Because the loop filter is an integrator, the static phase error is
driven to zero.
Another view of the circuit is that the phase shifter implements
the zero required for frequency compensation of a second-order
PLL. This zero is placed in the feedback path and, therefore,
does not appear in the closed-loop transfer function. Because
this circuit has no zero in the closed-loop transfer, jitter peaking
is eliminated.
The combination of the delay-locked and PLLs simultaneously
provide wideband jitter tolerance and narrow-band jitter
filtering. The simplified block diagram in Figure 23 shows that
Z(s)/X(s) is a second-order low-pass jitter transfer function that
provides excellent filtering. The low frequency pole is formed by
dividing the gain of the PLL by the gain of the DLL, where the
upsampling and zero-order hold in the DLL has a gain approaching
N at the transfer bandwidth of the loop. Note that the jitter transfer
has no zero, unlike an ordinary second-order PLL. This means that
the main PLL loop has no jitter peaking, making the circuit ideal
for signal regenerator applications, where jitter peaking in a cascade
of regenerators can contribute to hazardous jitter accumulation.
The error transfer, e(s)/X(s), has the same high-pass form as an
ordinary PLL up to the slew rate limit of the DLL with a binary
phase detector. This transfer function can be optimized to give
excellent wideband jitter tolerance because the jitter transfer
function, Z(s)/X(s), provides the narrow-band jitter filtering.
PSH
Z(s)
RECOVERED
CLOCK
KDLL
I – z–1
KDCO
s
I – z–N
I – z–1
KPLL × TRANBW
I – z–1
N
N
DELAY-LOCKED LOOP (DLL)
PHASE-LOCKED LOOP (PLL)
ZERO-ORDER HOLD
SAMPLE CLOCK
INPUT
DATA
÷N
BINARY
PHASE
DETECTOR
X(s)
=
KPLL × TRANBW – KDCO
s × N × PSH × KDLL + KPLL × TRANBW × KDCO
Z(s)
X(s)
Figure 23. CDR Jitter Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com