Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 5 Page - Analog Devices

  ADN2913 Datasheet HTML 1Page - Analog Devices ADN2913 Datasheet HTML 2Page - Analog Devices ADN2913 Datasheet HTML 3Page - Analog Devices ADN2913 Datasheet HTML 4Page - Analog Devices ADN2913 Datasheet HTML 5Page - Analog Devices ADN2913 Datasheet HTML 6Page - Analog Devices ADN2913 Datasheet HTML 7Page - Analog Devices ADN2913 Datasheet HTML 8Page - Analog Devices ADN2913 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Data Sheet
ADN2913
Rev. B | Page 5 of 35
JITTER SPECIFICATIONS
TA = TMIN to TMAX, VCC = VCCMIN to VCCMAX, VCC1 = VCC1MIN to VCC1MAX, VDD = VDDMIN to VDDMAX, VEE = 0 V, input data
pattern: PRBS 223 − 1, ac-coupled to 100 Ω differential termination load, I2C register default settings, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PHASE-LOCKED LOOP CHARACTERISTICS
Jitter Transfer Bandwidth (BW)1
8GFC2
1242
1676
kHz
OC-48
TRANBW[2:0] = 4 (default)
663
896
kHz
OTN mode, TRANBW[2:0] = 1
157
181
kHz
OC-12
175
kHz
OC-3
44
kHz
Jitter Peaking
8GFC2
20 kHz to 80 MHz
0.004
0.021
dB
OC-48
20 kHz to 10 MHz
0.004
0.023
dB
OC-12
0.01
dB
OC-3
0.01
dB
Jitter Generation
8GFC2
Unfiltered
0.005
UI rms
Unfiltered
0.044
UI p-p
OC-48
12 kHz to 20 MHz
0.0025
UI rms
Unfiltered
0.0046
UI rms
12 kHz to 20 MHz
0.0156
UI p-p
Unfiltered
0.0276
UI p-p
OC-12
12 kHz to 5 MHz
0.0007
UI rms
Unfiltered
0.0011
UI rms
12 kHz to 5 MHz
0.0038
UI p-p
Unfiltered
0.0076
UI p-p
OC-3
12 kHz to 1.3 MHz
0.0002
UI rms
Unfiltered
0.0003
UI rms
12 kHz to 1.3 MHz
0.0008
UI p-p
Unfiltered
0.0018
UI p-p
Jitter Tolerance
TRANBW[2:0] = 4 (default)
8GFC,2 JTSPAT
Sinusoidal Jitter at 340 kHz
6.7
UI p-p
Sinusoidal Jitter at 5.098 MHz
0.53
UI p-p
Sinusoidal Jitter at 80 MHz
0.59
UI p-p
Rx Jitter Tracking Test3
Voltage modulation amplitude (VMA) = 170 mV p-p at 100 MHz,
425 mV p-p at 100 MHz, 170 mV p-p at 2.5 GHz, and 425 mV p-p
at 2.5 GHz excitation frequency4
510 kHz, 1 UI
10−12
<10−12
BER
100 kHz, 5 UI
10−12
<10−12
BER
OC-48
600 Hz
1528
UI p-p
6 kHz
378
UI p-p
100 kHz
16.6
UI p-p
1 MHz
0.70
UI p-p
20 MHz
0.63
UI p-p
OC-12
30 Hz
193
UI p-p
300 Hz
44
UI p-p
25 kHz
19.2
UI p-p
250 kHz
0.82
UI p-p
5 MHz
0.60
UI p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com