Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 15 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 11Page - Analog Devices ADN2913 Datasheet HTML 12Page - Analog Devices ADN2913 Datasheet HTML 13Page - Analog Devices ADN2913 Datasheet HTML 14Page - Analog Devices ADN2913 Datasheet HTML 15Page - Analog Devices ADN2913 Datasheet HTML 16Page - Analog Devices ADN2913 Datasheet HTML 17Page - Analog Devices ADN2913 Datasheet HTML 18Page - Analog Devices ADN2913 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Data Sheet
ADN2913
Rev. B | Page 15 of 35
Reg Name
R/W
Addr
(Hex)
Default
(Hex)
D7
D6
D5
D4
D3
D2
D1
D0
PRBS Rec 5
R
0x43
X
DATA_LOADED[15:8]
PRBS Rec 6
R
0x44
X
DATA_LOADED[23:16]
PRBS Rec 7
R
0x45
X
DATA_LOADED[31:24]
ID/Revision
REV
R
0x48
0x54
REV[7:0]
ID
R
0x49
0x15
ID[7:0]
HI_CODE
R
0x20
0xA8
Reserved
LO_CODE
R
0x21
0x00
Reserved
1
X means don’t care.
Table 8. Status Register, STATUSA (Address 0x6)
Bits
Bit Name
Bit Description
D5
LOS status
0 = no loss of signal
1 = loss of signal
D4
LOL status
0 = locked
1 = frequency acquisition mode
D3
LOS done
0 = LOS action not completed
1 = LOS action completed
D2
Static LOL
0 = no LOL event since last reset
1 = LOL event since last reset; clear using reset static LOL bit, Bit D2 in Register 0x8
D0
RATE_MEAS_COMP
Rate measurement complete
0 = frequency measurement incomplete
1 = frequency measurement complete; clear using RATE_MEAS_RESET bit, Bit D0 in Register 0x8
Table 9. Control Register, CTRLA (Address 0x8)
Bits
Bit Name
Bit Description
D7
Reserved to 0.
D6:D4
CDR_MODE[2:0]
CDR modes.
001 = lock to data (LTD).
011 = lock to reference (LTR).
000, 010, 1xx = reserved.
D3
Reserved to 0.
D2
Reset static LOL
Set to 1 to clear static LOL (Bit D2 in Register 0x6).
D1
RATE_MEAS_EN
Fine data rate measurement enable. Set to 1 to initiate a rate measurement.
D0
RATE_MEAS_RESET
Rate measurement reset. Set to 1 to clear a rate measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com