Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841PS Datasheet(PDF) 44 Page - NXP Semiconductors

Part # TDA4841PS
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841PS Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button TDA4841PS Datasheet HTML 40Page - NXP Semiconductors TDA4841PS Datasheet HTML 41Page - NXP Semiconductors TDA4841PS Datasheet HTML 42Page - NXP Semiconductors TDA4841PS Datasheet HTML 43Page - NXP Semiconductors TDA4841PS Datasheet HTML 44Page - NXP Semiconductors TDA4841PS Datasheet HTML 45Page - NXP Semiconductors TDA4841PS Datasheet HTML 46Page - NXP Semiconductors TDA4841PS Datasheet HTML 47Page - NXP Semiconductors TDA4841PS Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
1999 Oct 25
44
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
APPLICATION INFORMATION
Fig.25 Application and timing for feedback mode.
For f < 50 kHz and C2 < 47 nF calculation formulas and behaviour of the OTA are the same as for an OP. An exception is the limited output current at
BOP (pin 3). See Chapter “Characteristics”, subheading “B+ control section; see Figs 25 and 26”.
(1) The recommended value for R6 is 1 k
Ω.
a. Feedback mode application.
b. Waveforms for normal operation.
c. Waveforms for fault condition.
handbook, full pagewidth
SOFT START
S
R
Q
Q
HORIZONTAL
OUTPUT
STAGE
VHDRV
VCC
Vi
6
D2
TR1
R5
C4
R4
R6(1)
L
OTA
2.5 V
VHPLL2
5
VBIN
VBOP
VBSENS
VBDRV
CBOP
D1
R1
R3
EWDRV
C1
R2
C2
34
>10 nF
horizontal
flyback pulse
INVERTING
BUFFER
3
2
4
1
MGM080
DISCHARGE
handbook, full pagewidth
VHDRV
VBSENS
VBSENS = VBOP
VBDRV
toff(min)
ton
horizontal
flyback pulse
VRESTART(BSENS)
VSTOP(BSENS)
2
3
4
1
MBG600
td(BDRV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com