Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841PS Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA4841PS
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841PS Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA4841PS Datasheet HTML 14Page - NXP Semiconductors TDA4841PS Datasheet HTML 15Page - NXP Semiconductors TDA4841PS Datasheet HTML 16Page - NXP Semiconductors TDA4841PS Datasheet HTML 17Page - NXP Semiconductors TDA4841PS Datasheet HTML 18Page - NXP Semiconductors TDA4841PS Datasheet HTML 19Page - NXP Semiconductors TDA4841PS Datasheet HTML 20Page - NXP Semiconductors TDA4841PS Datasheet HTML 21Page - NXP Semiconductors TDA4841PS Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
1999 Oct 25
18
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
Phase adjustments and corrections via PLL1 and PLL2
HPOS
horizontal position (referenced
to horizontal period)
register HPOS = 0
−−13
−
%
register HPOS = 127
−
0
−
%
register HPOS = 255
−
13
−
%
HPINBAL
horizontal pin unbalance
correction via HPLL2
(referenced to horizontal
period)
register HPINBAL = 0;
note 6
−−1.2
−
%
register HPINBAL = 63;
note 6
−
1.2
−
%
register HPINBAL = 32;
note 6
−
0.02
−
%
HPARAL
horizontal parallelogram
correction (referenced to
horizontal period)
register HPARAL = 0;
note 6
−−1.2
−
%
register HPARAL = 63;
note 6
−
1.2
−
%
register HPARAL = 32;
note 6
−
0.02
−
%
HMOIRE
relative modulation of
horizontal position by
1
⁄2 horizontal frequency;
phase alternates with
1
⁄2 vertical frequency
register HMOIRE = 0;
control bit MOD = 0
−
0
−
%
register HMOIRE = 63;
control bit MOD = 0
−
0.02
−
%
moire cancellation off
control bit MOD = 1
−
0
−
%
PLL2 phase detector: pins HFLB and HPLL2
φPLL2
PLL2 control (advance of
horizontal drive with respect to
middle of horizontal flyback)
maximum advance;
register HPINBAL = 32;
register HPARAL = 32
36
−−
%
minimum advance; register
HPINBAL = 32; register
HPARAL = 32
−
7
−
%
Ictrl(PLL2)
PLL2 control current
−
75
−µA
Φ
PLL2
relative sensitivity of PLL2
phase shift related to horizontal
period
−
28
−
mV/%
VPROT(HPLL2)(max)
maximum voltage for PLL2
protection mode/soft start
−
4.6
−
V
Ich(PLL2)
charge current for external
capacitor during soft start
VHPLL2 < 3.7 V
−
1
−µA
Idch(PLL2)
discharge current for external
capacitor during soft down
VHPLL2 < 3.7 V
−−1
−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com