Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841PS Datasheet(PDF) 38 Page - NXP Semiconductors

Part # TDA4841PS
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841PS Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button TDA4841PS Datasheet HTML 34Page - NXP Semiconductors TDA4841PS Datasheet HTML 35Page - NXP Semiconductors TDA4841PS Datasheet HTML 36Page - NXP Semiconductors TDA4841PS Datasheet HTML 37Page - NXP Semiconductors TDA4841PS Datasheet HTML 38Page - NXP Semiconductors TDA4841PS Datasheet HTML 39Page - NXP Semiconductors TDA4841PS Datasheet HTML 40Page - NXP Semiconductors TDA4841PS Datasheet HTML 41Page - NXP Semiconductors TDA4841PS Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
1999 Oct 25
38
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
Start-up procedure
VCC < 8.3 V:
• As long as the supply voltage is too low for correct
operation, the IC will give no acknowledge due to
internal Power-On Reset (POR)
• Supply current is 9 mA or less.
VCC > 8.3 V:
• Internal POR has ended and the IC is in standby mode
• Control bits STDBY and SOFTST are reset to their start
values
• All other register contents are random
• Pin HUNLOCK is at HIGH-level.
Setting control bit STDBY = 0:
• Enables internal power supply
• Supply current increases from 9 to 70 mA
• When VCC < 8.6 V register SOFTST cannot be set by
the I2C-bus
• Output stages are disabled
• Pin HUNLOCK is at HIGH-level.
Setting all registers to defined values:
• Due to the hardware configuration of the IC
(no auto-increment) any register setting needs a
complete 3-byte I2C-bus data transfer as follows:
START - IC address - subaddress - data - STOP.
Setting control bit SOFTST = 1:
• Before enabling the soft-start sequence a delay of
minimum 80 ms is necessary to obtain correct function
of the horizontal drive
• HDRV duty cycle increases
• BDRV duty cycle increases
• VOUT1 and VOUT2 are enabled
• PLL1 and PLL2 are enabled.
IC in full operation:
• Pin HUNLOCK is at LOW-level when PLL1 is locked
• Any change of the register content will result in an
immediate change of the output behaviour
• Setting control bit SOFTST = 0 is the only way (except
power-down via pin VCC) to leave the operating mode.
Soft-down sequence:
• See L4 of Fig.19 for starting the soft-down sequence.
Fig.18 I2C-bus flow for start-up.
(1) See Fig.19.
MGL791
START
Standby mode (XXXX XX01)
STDBY = 1
SOFTST = 0
all other register contents are random
Protection mode (XXXX XX00)
STDBY = 0
SOFTST = 0
all other register contents are random
Protection mode (XXXX XX00)
STDBY = 0
SOFTST = 0
registers are pre-set
change/refresh of data?
S
8CH
A
1AH
A
00H
A P
S
8CH
A
1AH
A
02H
A P
S
8CH
A
SAD
A
DATA
A P
S
8CH
A
SAD
A
DATA
A P
Operating mode (XXXX XX10)
STDBY = 0
SOFTST = 1
Soft-start sequence (XXXX XX10)
STDBY = 0
SOFTST = 1
Power-down mode (XXXX XXXX)
no acknowledge is given by IC
all register contents are random
L1
L2
L3
L4 (1)
VCC > 8.3 V
no
yes
SOFTST = 0?
no
yes
all registers defined?
no
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com