Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841PS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA4841PS
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841PS Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4841PS Datasheet HTML 1Page - NXP Semiconductors TDA4841PS Datasheet HTML 2Page - NXP Semiconductors TDA4841PS Datasheet HTML 3Page - NXP Semiconductors TDA4841PS Datasheet HTML 4Page - NXP Semiconductors TDA4841PS Datasheet HTML 5Page - NXP Semiconductors TDA4841PS Datasheet HTML 6Page - NXP Semiconductors TDA4841PS Datasheet HTML 7Page - NXP Semiconductors TDA4841PS Datasheet HTML 8Page - NXP Semiconductors TDA4841PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
1999 Oct 25
2
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
FEATURES
Concept features
• Full horizontal plus vertical autosync capability
• Extended horizontal frequency range from
15 to 130 kHz
• Comprehensive set of I2C-bus driven geometry
adjustments and functions, including standby mode
• Very good vertical linearity
• Moire cancellation
• Start-up and switch-off sequence for safe operation of
all power components
• X-ray protection
• Power dip recognition
• Flexible switched mode B+ supply function block for
feedback and feed forward converter
• Internally stabilized voltage reference
• Drive signal for focus amplifiers with combined
horizontal and vertical parabola waveforms
• DC controllable inputs for Extremely High Tension
(EHT) compensation
• SDIP32 package.
Synchronization
• Can handle all sync signals (horizontal, vertical,
composite and sync-on-video)
• Output for video clamping (leading/trailing edge
selectable by I2C-bus), vertical blanking and protection
blanking
• Output for fast unlock status of horizontal
synchronization and blanking on grid 1 of picture tube.
Horizontal section
• I2C-bus controllable wide range linear picture position,
pin unbalance and parallelogram correction via
horizontal phase
• Frequency-locked loop for smooth catching of horizontal
frequency
• Simple frequency preset of fmin and fmax by external
resistors
• Low jitter
• Soft start for horizontal and B+ control drive signals.
Vertical section
• I2C-bus controllable vertical picture size, picture
position, linearity (S-correction) and linearity balance
• Output for I2C-bus controllable vertical sawtooth and
parabola (for pin unbalance and parallelogram)
• Vertical picture size independent of frequency
• Differential current outputs for DC coupling to vertical
booster
• 50 to 160 Hz vertical autosync range.
East-West (EW) section
• I2C-bus controllable output for horizontal pincushion,
horizontal size, corner and trapezium correction
• Optional tracking of EW drive waveform with line
frequency selectable by I2C-bus.
Focus section
• I2C-bus controllable output for horizontal and vertical
parabolas
• Vertical parabola is independent of frequency and tracks
with vertical adjustments
• Horizontal parabola independent of frequency
• Adjustable pre-correction of delay in focus output stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com