Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841PS Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TDA4841PS
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841PS Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TDA4841PS Datasheet HTML 31Page - NXP Semiconductors TDA4841PS Datasheet HTML 32Page - NXP Semiconductors TDA4841PS Datasheet HTML 33Page - NXP Semiconductors TDA4841PS Datasheet HTML 34Page - NXP Semiconductors TDA4841PS Datasheet HTML 35Page - NXP Semiconductors TDA4841PS Datasheet HTML 36Page - NXP Semiconductors TDA4841PS Datasheet HTML 37Page - NXP Semiconductors TDA4841PS Datasheet HTML 38Page - NXP Semiconductors TDA4841PS Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
1999 Oct 25
35
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
List of I2C-bus controlled switches
I2C-bus data can be transmitted in direct or buffered mode and is defined by the MSB of the register subaddress:
• SAD1 is the register subaddress to be used for transmissions in direct mode
• SAD2 is the register subaddress to be used for transmissions in buffered mode.
Table 5
Controlled switches; notes 1 and 2
Notes
1. X = don’t care.
2. # = this bit is occupied by another function. If the register is addressed, the bit values for both functions must be
transferred.
3. Bits STDBY and SOFTST can be reset by the internal protection circuit.
CONTROL
BIT
FUNCTION
SAD1
(HEX)
SAD2
(HEX)
REGISTER ASSIGNMENT
D7 D6 D5 D4 D3 D2 D1 D0
BLKDIS
0: vertical, protection and horizontal unlock
blanking available on pins CLBL and HUNLOCK
0A
8A
X
D6
######
1: only vertical and protection blanking available
on pins CLBL and HUNLOCK
AGCDIS
0: AGC in vertical oscillator active
0B
8B
#
D6
######
1: AGC in vertical oscillator inhibited
FHMULT
0: EW output independent of horizontal
frequency
0B
8B
D7
#######
1: EW output tracks with horizontal frequency
VSC
0: VLIN, HCORT and HCORB adjustments
enabled
02
82
X
D6
######
1: VLIN, HCORT and HCORB adjustments
forced to centre value
MOD
0: horizontal and vertical moire cancellation
enabled
08
88
D7
#######
1: horizontal and vertical moire cancellation
disabled
VOVSCN
0: vertical size 100%
0F
8F
X
D6
######
1: vertical size 116.8% for VGA350
CLAMP
0: trailing edge for horizontal clamp
09
89
#
D6
######
1: leading edge for horizontal clamp
VBLK
0: vertical blanking = 260
µs
09
89
D7
#######
1: vertical blanking = 340
µs
ACD
0: ASCOR disconnected from PLL2
04
84
X
D6
######
1: ASCOR internally connected with PLL2
STDBY(3)
0: internal power supply enabled
1A
9A
#
XXXXX
#
D0
1: internal power supply disabled
SOFTST(3)
0: soft start not released (pin HPLL2 pulled to
ground)
1A
9A
#
XXXXX
D1
#
1: soft start is released (power-up via pin HPLL2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com