Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841PS Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TDA4841PS
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841PS Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TDA4841PS Datasheet HTML 21Page - NXP Semiconductors TDA4841PS Datasheet HTML 22Page - NXP Semiconductors TDA4841PS Datasheet HTML 23Page - NXP Semiconductors TDA4841PS Datasheet HTML 24Page - NXP Semiconductors TDA4841PS Datasheet HTML 25Page - NXP Semiconductors TDA4841PS Datasheet HTML 26Page - NXP Semiconductors TDA4841PS Datasheet HTML 27Page - NXP Semiconductors TDA4841PS Datasheet HTML 28Page - NXP Semiconductors TDA4841PS Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
1999 Oct 25
25
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
VOLTAGE COMPARATOR: PIN BSENS
Vi(BSENS)
voltage range of positive
comparator input
0
−
5V
Vi(BOP)
voltage range of negative
comparator input
0
−
5V
ILI(BSENS)(max)
maximum leakage current
discharge disabled
−−−2
µA
OPEN-COLLECTOR OUTPUT STAGE: PIN BDRV
Io(BDRV)(max)
maximum output current
note 13
20
−−
mA
ILO(BDRV)
output leakage current
VBDRV =16V
−−
3
µA
Vsat(BDRV)
saturation voltage
Io(BDRV) <20mA
−−
300
mV
toff(BDRV)(min)
minimum off-time
−
250
−
ns
td(BDRV-HDRV)
delay between BDRV pulse and
HDRV pulse
measured at
VHDRV =VBDRV =3V
−
500
−
ns
BSENS DISCHARGE CIRCUIT: PIN BSENS
VSTOP(BSENS)
discharge stop level
capacitive load;
IBSENS = 0.5 mA
0.85
1.0
1.15
V
Idch(BSENS)
discharge current
VBSENS > 2.5 V
4.5
6.0
7.5
mA
Vth(BSENS)(restart)
threshold voltage for restart
fault condition
1.2
1.3
1.4
V
CBSENS(min)
minimum value of capacitor at
BSENS (pin 4)
2
−−
nF
Internal reference, supply voltage, soft start and protection
VCC(stab)
external supply voltage for
complete stabilization of all
internal references
9.2
−
16
V
ICC
supply current
−
70
−
mA
ICC(stb)
standby supply current
STDBY = 1; VPLL2 <1V;
3.5V<VCC <16V
−
9
−
mA
PSRR
power supply rejection ratio of
internal supply voltage
f = 1 kHz
50
−−
dB
VCC(blank)
supply voltage level for
activation of continuous
blanking
VCC decreasing from 12 V
8.2
8.6
9.0
V
VCC(blank)(min)
minimum supply voltage level
for function of continuous
blanking
VCC decreasing from 12 V
2.5
3.5
4.0
V
Von(VCC)
supply voltage level for
activation of HDRV, BDRV,
VOUT1, VOUT2 and
HUNLOCK
VCC increasing from below
typical 8.1 V
7.9
8.3
8.7
V
Voff(VCC)
supply voltage level for
deactivation of BDRV, VOUT1,
VOUT2 and HUNLOCK; also
sets register SOFTST
VCC decreasing from
above typical 8.3 V
7.7
8.1
8.5
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com