Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841PS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA4841PS
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841PS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA4841PS Datasheet HTML 5Page - NXP Semiconductors TDA4841PS Datasheet HTML 6Page - NXP Semiconductors TDA4841PS Datasheet HTML 7Page - NXP Semiconductors TDA4841PS Datasheet HTML 8Page - NXP Semiconductors TDA4841PS Datasheet HTML 9Page - NXP Semiconductors TDA4841PS Datasheet HTML 10Page - NXP Semiconductors TDA4841PS Datasheet HTML 11Page - NXP Semiconductors TDA4841PS Datasheet HTML 12Page - NXP Semiconductors TDA4841PS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
1999 Oct 25
9
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
X-ray protection
The X-ray protection input XRAY (pin 2) provides a voltage
detector with a precise threshold. If the input voltage at
XRAY exceeds this threshold for a certain period of time,
control bit SOFTST is reset, which switches the IC into
protection mode. In this mode several pins are forced into
defined states:
HUNLOCK (pin 17) is floating
The capacitor connected to HPLL2 (pin 30) is
discharged
Horizontal output stage (HDRV) is floating
B+ control driver stage (BDRV) is floating
Vertical output stages (VOUT1 and VOUT2) are floating
CLBL provides a continuous blanking signal.
There are two different ways to restart the IC:
1. XSEL (pin 9) is open-circuit or connected to ground.
The control bit SOFTST must be set to logic 1 via the
I2C-bus. The IC then returns to normal operation via
soft start.
2. XSEL is connected to VCC via an external resistor.
The supply voltage of the IC must be switched off for a
certain time before the IC can be restarted again using
the standard power-on procedure.
Vertical oscillator and amplitude control
This stage is designed for fast stabilization of vertical size
after changes in sync frequency conditions.
The free-running frequency ffr(V) is determined by the
resistor RVREF connected to pin 23 and the capacitor
CVCAP connected to pin 24. The value of RVREF is not only
optimized for noise and linearity performance in the whole
vertical and EW section, but also influences several
internal references. Therefore the value of RVREF must not
be changed. Capacitor CVCAP should be used to select the
free-running frequency of the vertical oscillator in
accordance with the following formula:
To achieve a stabilized amplitude the free-running
frequency ffr(V), without adjustment, should be at least 10%
lower than the minimum trigger frequency.
The contributions shown in Table 2 can be assumed.
Table 2
Calculation of ffr(V) total spread
Result for 50 to 160 Hz application:
The AGC of the vertical oscillator can be disabled by
setting control bit AGCDIS via the I2C-bus. A precise
external current has to be injected into VCAP (pin 24) to
obtain the correct vertical size. This special application
mode can be used when the vertical sync pulses are
serrated (shifted); this condition is found in some display
modes, e.g. when using a 100 Hz upconverter for video
signals.
Application hint: VAGC (pin 22) has a high input
impedance during scan. Therefore, the pin must not be
loaded externally; otherwise non-linearities in the vertical
output currents may occur due to the changing charge
current during scan.
Adjustment of vertical size, VGA overscan and EHT
compensation
There are four different ways to adjust the amplitude of the
differential output currents at VOUT1 and VOUT2:
1. Register VGAIN changes the vertical size without
affecting any other output signal of the IC; this
adjustment is meant for factory alignments.
2. Register VSIZE changes not only the vertical size, but
also provides the correct tracking of all other related
waveforms (see Section “Tracking of vertical
adjustments”); this register should be used for user
adjustments.
3. For the VGA350 mode the register VOVSCN can
activate a +17% step in vertical size.
4. VSMOD (pin 21) can be used for a DC controlled EHT
compensation of vertical size by correcting the
differential output currents at VOUT1 and VOUT2;
VSMOD does not affect the EW waveforms, vertical
focus, pin unbalance and parallelogram corrections.
f
fr(V)
1
10.8
R
VREF
×
C
VCAP
×
-----------------------------------------------------------
=
Contributing elements
Minimum frequency offset between ffr(V) and
lowest trigger frequency
10%
Spread of IC
±3%
Spread of RVREF
±1%
Spread of CVCAP
±5%
Total
19%
f
fr(V)
50 Hz
1.19
---------------
42 Hz
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com