Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841PS Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA4841PS
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841PS Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA4841PS Datasheet HTML 35Page - NXP Semiconductors TDA4841PS Datasheet HTML 36Page - NXP Semiconductors TDA4841PS Datasheet HTML 37Page - NXP Semiconductors TDA4841PS Datasheet HTML 38Page - NXP Semiconductors TDA4841PS Datasheet HTML 39Page - NXP Semiconductors TDA4841PS Datasheet HTML 40Page - NXP Semiconductors TDA4841PS Datasheet HTML 41Page - NXP Semiconductors TDA4841PS Datasheet HTML 42Page - NXP Semiconductors TDA4841PS Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
1999 Oct 25
39
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
Protection and standby mode
Soft-down sequence:
• Start the sequence by setting control bit SOFTST = 0
• BDRV duty cycle decreases
• HDRV duty cycle decreases.
Protection mode:
• Pins HDRV and BDRV are floating
• Pins VOUT1 and VOUT2 are floating
• Continuous blanking on pin CLBL is active
• Pin HUNLOCK is floating
• PLL1 and PLL2 are disabled
• Register contents are kept in internal memory.
Protection mode can be left by 3 ways:
1. Entering standby mode by setting control
bit SOFTST = 0 and bit STDBY = 1
2. Starting the soft-start sequence by setting control
bit SOFTST = 1 (bit STDBY = don’t care);
see L3 of Fig.18 for continuation
3. Decreasing the supply voltage below 8.1 V.
Standby mode:
• Set control bit STDBY = 1
• Driver outputs are floating (same as protection mode)
• Supply current is 9 mA
• Only the I2C-bus section and protection circuits are
operative
• Contents of all registers are lost, except the value of
bit STDBY and bit SOFTST
• See L2 of Fig.18 for continuation.
Fig.19 I2C-bus flow for standby mode and
protection mode.
(1) See Fig.18.
MGL790
Standby mode (XXXX XX01)
STDBY = 1
SOFTST = 0
all other register contents are random
Soft-down sequence (XXXX XX00)
STDBY = 0
SOFTST = 0
L4
L3 (1)
no
yes
SOFTST = 1?
yes
L2 (1)
Protection mode (XXXX XX00)
STDBY = 0
SOFTST = 0
registers are set
no
STDBY = 1?
S
8CH
A
1AH
A
00H
A P
S
8CH
A
1AH
A
01H
A P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com