Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841PS Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA4841PS
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841PS Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA4841PS Datasheet HTML 20Page - NXP Semiconductors TDA4841PS Datasheet HTML 21Page - NXP Semiconductors TDA4841PS Datasheet HTML 22Page - NXP Semiconductors TDA4841PS Datasheet HTML 23Page - NXP Semiconductors TDA4841PS Datasheet HTML 24Page - NXP Semiconductors TDA4841PS Datasheet HTML 25Page - NXP Semiconductors TDA4841PS Datasheet HTML 26Page - NXP Semiconductors TDA4841PS Datasheet HTML 27Page - NXP Semiconductors TDA4841PS Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
1999 Oct 25
24
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
Focus section: pin FOCUS; see Figs 15 and 28
tprecor
pre-correction of phase for
horizontal focus parabola
register HFOCAD = 0;
see Fig.28
−
300
−
ns
register HFOCAD = 1;
see Fig.28
−
350
−
ns
register HFOCAD = 2;
see Fig.28
−
400
−
ns
register HFOCAD = 3;
see Fig.28
−
450
−
ns
tW(hfb)(min)
minimum width of horizontal
flyback pulse
1.9
−−µs
operation without
pre-correction
−
7.5
−µs
tW(hfb)(max)
maximum width of horizontal
flyback pulse
−−
5.5
µs
VHFOCUS(p-p)
amplitude of horizontal focus
parabola (peak-to-peak value)
register HFOCUS = 0
−
0.06
−
V
register HFOCUS = 31
−
3.3
−
V
VVFOCUS(p-p)
amplitude of vertical parabola
(peak-to-peak value)
register VFOCUS = 0;
note 8
−
0.02
−
V
register VFOCUS = 15;
note 8
−
1.1
−
V
Vo(FOCUS)(max)
maximum output voltage
Io(FOCUS) = 0
6.15
6.4
6.65
V
Vo(FOCUS)(min)
minimum output voltage
Io(FOCUS) = 0
1.0
1.3
1.6
V
Io(FOCUS)(max)
maximum output current
±1.5
−−
mA
CL(FOCUS)(max)
maximum capacitive load
−−
20
pF
B+ control section; see Figs 25 and 26
TRANSCONDUCTANCE AMPLIFIER: PINS BIN AND BOP
Vi(BIN)
input voltage
0
−
5.25
V
Ii(BIN)(max)
maximum input current
−−±1
µA
Vref(int)
reference voltage at internal
non-inverting input of OTA
2.37
2.5
2.58
V
Vo(BOP)(min)
minimum output voltage
−−
0.5
V
Vo(BOP)(max)
maximum output voltage
Io(BOP) < 1 mA
5.0
5.3
5.6
V
Io(BOP)(max)
maximum output current
−±500
−µA
gm(OTA)
transconductance of OTA
note 11
30
50
70
mS
Gv(ol)
open-loop voltage gain
note 12
−
86
−
dB
CBOP(min)
minimum value of capacitor at
BOP (pin 3)
10
−−
nF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com