Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4841PS Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDA4841PS
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841PS Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDA4841PS Datasheet HTML 23Page - NXP Semiconductors TDA4841PS Datasheet HTML 24Page - NXP Semiconductors TDA4841PS Datasheet HTML 25Page - NXP Semiconductors TDA4841PS Datasheet HTML 26Page - NXP Semiconductors TDA4841PS Datasheet HTML 27Page - NXP Semiconductors TDA4841PS Datasheet HTML 28Page - NXP Semiconductors TDA4841PS Datasheet HTML 29Page - NXP Semiconductors TDA4841PS Datasheet HTML 30Page - NXP Semiconductors TDA4841PS Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
1999 Oct 25
27
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
8. All vertical and EW adjustments are specified at nominal vertical settings; unless otherwise specified, which means:
a) VSIZE = 100% (register VSIZE = 127, VGAIN = 63 and control bit VOVSCN = 0)
b) VSMOD = 0 (no EHT compensation)
c) VPOS centred (register VPOS = 64)
d) VLIN = 0 (register VLIN = X and control bit VSC = 1)
e) VLINBAL = 0 (register VLINBAL = 8)
f) FHMULT = 0
g) HPARAL = 0 (register HPARAL = 32)
h) HPINBAL = 0 (register HPINBAL = 32)
i)
Vertical oscillator synchronized.
9. The output signal at EWDRV (pin 11) may consist of horizontal pincushion + corner correction + DC shift + trapezium
correction. If the VOVSCN control bit is set, and the VPOS adjustment is set to an extreme value, the tip of the
parabola may be clipped at the upper limit of the EWDRV output voltage range. The waveform of corner correction
will clip if the vertical sawtooth adjustment exceeds 110% of the nominal setting.
10. If fH tracking is enabled, the amplitude of the complete EWDRV output signal (horizontal pincushion + corner
correction + DC shift + trapezium) will be changed proportional to IHREF. The EWDRV low level of 1.2 V remains fixed.
11. First pole of transconductance amplifier is 5 MHz without external capacitor (will become the second pole, if the OTA
operates as an integrator).
12. Open-loop gain is
at f = 0 with no resistive load and CBOP = 10 nF (from BOP (pin 3) to GND).
13. The recommended value for the pull-up resistor at pin 6 (BDRV) is 1 k
Ω.
V
BOP
V
BIN
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com