Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCXXXBF Datasheet(PDF) 59 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 55Page - STMicroelectronics SMCXXXBF Datasheet HTML 56Page - STMicroelectronics SMCXXXBF Datasheet HTML 57Page - STMicroelectronics SMCXXXBF Datasheet HTML 58Page - STMicroelectronics SMCXXXBF Datasheet HTML 59Page - STMicroelectronics SMCXXXBF Datasheet HTML 60Page - STMicroelectronics SMCXXXBF Datasheet HTML 61Page - STMicroelectronics SMCXXXBF Datasheet HTML 62Page - STMicroelectronics SMCXXXBF Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
SMCxxxBF
CF-ATA command description
59/91
10.4.4
Word 6: Default Number of Sectors per Track
This field contains the number of sectors per track in the default translation mode.
10.4.5
Word 7-8: Number of Sectors per Card
This field contains the number of sectors per Card. This double Word value is also the first
invalid address in LBA translation mode.
10.4.6
Word 10-19: Memory Card Serial Number
The contents of this field are right justified and padded with spaces (20h).
10.4.7
Word 23-26: Firmware Revision
This field contains the revision of the firmware for this product.
10.4.8
Word 27-46: Model Number
This field contains the model number for this product and is left justified and padded with
spaces (20h).
10.4.9
Word 47: Read/Write Multiple Sector Count
This field contains the maximum number of sectors that can be read or written per interrupt
using the Read Multiple or Write Multiple commands.
10.4.10
Word 49: Capabilities
●
Bit 13 Standby Timer: is set to ’0’ to indicate that the Standby timer operation is defined
by the manufacturer.
●
Bit 9 LBA support: CompactFlash Memory Cards support LBA mode addressing.
●
Bit 8 DMA Support: Read/Write DMA commands are supported.
10.4.11
Word 51: PIO Data Transfer Cycle Timing Mode
This field defines the mode for PIO data transfer. For backward compatibility with BIOSs
written before Word 64 was defined for advanced modes, a device reports in Word 51, the
highest original PIO mode it can support (PIO mode 0, 1 or 2).
Bits 15-8: are set to 02H.
10.4.12
Word 53: Translation Parameter Valid
●
Bit 1: is set to '1' to indicate that Words 64 to 70 are valid
●
Bit 0: is set to '1' to indicate that Words 54 to 58 are valid
10.4.13
Word 54-56: Current Number of Cylinders, Heads, Sectors/Track
These fields contains the current number of user addressable Cylinders, Heads, and
Sectors/Track in the current translation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com