Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCXXXBF Datasheet(PDF) 40 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 36Page - STMicroelectronics SMCXXXBF Datasheet HTML 37Page - STMicroelectronics SMCXXXBF Datasheet HTML 38Page - STMicroelectronics SMCXXXBF Datasheet HTML 39Page - STMicroelectronics SMCXXXBF Datasheet HTML 40Page - STMicroelectronics SMCXXXBF Datasheet HTML 41Page - STMicroelectronics SMCXXXBF Datasheet HTML 42Page - STMicroelectronics SMCXXXBF Datasheet HTML 43Page - STMicroelectronics SMCXXXBF Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
Card Configuration
SMCxxxBF
40/91
6.7
Common Memory Transfer Function
The Common Memory transfer to or from the Card permits both 8 or 16 bit access to all of
the Common Memory addresses. (see Table 34).
6.8
True IDE Mode I/O Function
The Card can be configured in a True IDE Mode of operation. It is configured in this mode
only when the –OE signal is grounded by the host during the power off to power on cycle. In
this True IDE Mode the PCMCIA protocol and configuration are disabled and only I/O
operations to the Task File and Data Register are allowed. No Memory or Attribute Registers
are accessible to the host. The Set Feature Command can be used to put the device in 8 bit
Mode (see Table 35).
Removing and reinserting the Card while the host computer’s power is on will reconfigure
the Card to PC Card ATA mode.
Table 34.
Common Memory Function
Function Code
–REG
–CE2
–CE1
A0
–OE
–WE
D15 to D8
D7 to D0
Standby Mode
X
H
H
X
X
X
High Z
High Z
Byte Read Access
(8 bits)
H
H
H
H
L
L
L
H
L
L
H
H
High Z
High Z
Even Byte
Odd Byte
Byte Write Access
(8 bits)
H
H
H
H
L
L
L
H
H
H
L
L
Don’t Care
Don’t Care
Even Byte
Odd Byte
Word Read Access
(16 bits)
H
L
L
X
L
H
Odd Byte
Even Byte
Word Write Access
(16 bits)
H
L
L
X
H
L
Odd Byte
Even Byte
Odd Byte Read Only
(8 bits)
HL
HX
L
H
Odd Byte
High Z
Odd Byte Write Only
(8 bits)
H
L
H
X
H
L
Odd Byte
Don’t Care
Table 35.
True IDE Mode I/O Function
Function Code
–
CS1
–
CS0
A2 to
A0
-DMACK
–
IORD
–
IOWR
D15 to D8
D7 to D0
Invalid Mode
LL
X
X
X
X
Undefined
In/Out
Undefined
In/Out
L
X
X
L
L
X
Undefined Out
Undefined Out
L
X
X
L
X
L
Undefined In
Undefined In
X
L
X
L
L
X
Undefined Out
Undefined Out
X
L
X
L
X
L
Undefined In
Undefined In
Standby Mode
H
H
X
H
X
X
High Z
High Z
Task File Write
H
L
1h-7h
H
H
L
Don’t Care
Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com