Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCXXXBF Datasheet(PDF) 41 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 41 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 37Page - STMicroelectronics SMCXXXBF Datasheet HTML 38Page - STMicroelectronics SMCXXXBF Datasheet HTML 39Page - STMicroelectronics SMCXXXBF Datasheet HTML 40Page - STMicroelectronics SMCXXXBF Datasheet HTML 41Page - STMicroelectronics SMCXXXBF Datasheet HTML 42Page - STMicroelectronics SMCXXXBF Datasheet HTML 43Page - STMicroelectronics SMCXXXBF Datasheet HTML 44Page - STMicroelectronics SMCXXXBF Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
SMCxxxBF
Card Configuration
41/91
Task File Read
H
L
1h-7h
H
L
H
High Z
Data Out
PIO Data Register
Write
H
L
0
H
H
L
Odd-Byte In
Even-Byte In
DMA Data Register
Write
H
L
X
L
H
L
Odd-Byte In
Even-Byte In
PIO Data Register
Read
H
L
0
H
L
H
Odd-Byte Out
Even-Byte Out
DMA Data Register
Read
H
H
X
L
L
H
Odd-Byte Out
Even-Byte Out
Control Register
Write
L
H
6h
H
H
L
Don’t Care
Control In
Alternate Status
Read
L
H
6h
H
L
H
High Z
Status Out
Drive Address
L
H
7h
H
L
H
High Z
Data Out
Table 35.
True IDE Mode I/O Function (continued)
Function Code
–
CS1
–
CS0
A2 to
A0
-DMACK
–
IORD
–
IOWR
D15 to D8
D7 to D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com