Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCXXXBF Datasheet(PDF) 61 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 57Page - STMicroelectronics SMCXXXBF Datasheet HTML 58Page - STMicroelectronics SMCXXXBF Datasheet HTML 59Page - STMicroelectronics SMCXXXBF Datasheet HTML 60Page - STMicroelectronics SMCXXXBF Datasheet HTML 61Page - STMicroelectronics SMCXXXBF Datasheet HTML 62Page - STMicroelectronics SMCXXXBF Datasheet HTML 63Page - STMicroelectronics SMCXXXBF Datasheet HTML 64Page - STMicroelectronics SMCXXXBF Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
SMCxxxBF
CF-ATA command description
61/91
10.4.18
Word 64: Advanced PIO transfer modes supported
This field is bit significant. Any number of bits may be set to ‘1’ in this field by the
CompactFlash Memory Card to indicate the advanced PIO modes it is capable of
supporting.
●
Bits 7-2 are reserved for future advanced PIO modes.
●
Bit 1 is set to ‘1’, indicates that the CompactFlash Memory Card supports PIO mode 4.
●
Bit 0 is set to ‘1’ to indicate that the CompactFlash Memory Card supports PIO mode 3.
Note:
Support for PIO modes 5 and above are specific to CompactFlash are reported in Word 163
10.4.19
Word 65: Minimum Multi-Word DMA transfer cycle time
Word 65 of the parameter information of the Identify Device command is defined as the
minimum Multi-Word DMA transfer cycle time.
It corresponds to the minimum cycle time for which the Card ensures data integrity during
transfers. It is expressed in nanoseconds.
The returned value is ‘50h’ (for Cycle time values refer to Table 22).
10.4.20
Word 66: Recommended Multi-Word DMA transfer cycle time
Word 66 of the parameter information of the Identify Device command is defined as the
recommended Multi-Word DMA transfer cycle time. The returned value is ‘50h’ (for Cycle
time values refer to Table 22).
10.4.21
Word 67: Minimum PIO transfer cycle time without flow control
This field gives the minimum cycle time (in ns) that the host should use for the
CompactFlash Memory Card to ensure data integrity during transfers when flow control is
not used. The returned value is ‘50h’ (for Cycle time values refer to Table 22).
10.4.22
Word 68: Minimum PIO transfer cycle time with IORDY
This field gives the minimum cycle time (in ns) supported by the CompactFlash Memory
Card to perform data transfers using IORDY flow control. The returned value is ‘50h’ (for
Cycle time values refer to Table 22).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com