Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCXXXBF Datasheet(PDF) 22 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 18Page - STMicroelectronics SMCXXXBF Datasheet HTML 19Page - STMicroelectronics SMCXXXBF Datasheet HTML 20Page - STMicroelectronics SMCXXXBF Datasheet HTML 21Page - STMicroelectronics SMCXXXBF Datasheet HTML 22Page - STMicroelectronics SMCXXXBF Datasheet HTML 23Page - STMicroelectronics SMCXXXBF Datasheet HTML 24Page - STMicroelectronics SMCXXXBF Datasheet HTML 25Page - STMicroelectronics SMCXXXBF Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
Electrical interface
SMCxxxBF
22/91
4.2
Electrical Specification
Table 10 defines the DC Characteristics for the CompactFlash Memory Card. Unless
otherwise stated, conditions are:
●
VCC = 5V ± 10%
●
VCC = 3.3V ± 5%
●
-40 °C to 85 °C
Table 11 shows that the Card operates correctly in both the voltage ranges and that the
current requirements must not exceed the maximum limit shown.
4.3
Current Measurement
The current is measured by connecting an amp meter in series with the VCC supply. The
meter should be set to the 2A scale range, and have a fast current probe with an RC filter
with a time constant of 0.1ms. Current measurements are taken while looping on a data
transfer command with a sector count of 128. Current consumption values for both read and
write commands are not to exceed the Maximum Average RMS Current specified in
Table 11 Table 12 shows the Input Leakage Current, Table 11 the Input Characteristics,
Table 13 the Output Drive Type and Table 15 the Output Drive Characteristics.
Table 10.
Absolute Maximum Conditions
Parameter
Symbol
Conditions
Input Power
VCC
− 0.3V to 6.5V
Voltage on any pin except VCC with respect to GND
V
− 0.5V to V
CC + 0.5V
Table 11.
Input Power
Voltage
Maximum Average RMS Current
Measurement Conditions
3.3V ± 5%
85
− 40 +85 °C
5V ± 10%
100
− 40 +85°C
Table 12.
Input Leakage Current(1)
1.
x refers to the characteristics described in Table 13 For example, I1U indicates a pull up resistor with a
type 1 input characteristic.
Type
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
IxZ
Input Leakage Current
IL
VIH = VCC
− 11
µA
VIL = GND
IxU
Pull Up Resistor
RPU1
VCC = 5.0V
50
500
k
Ω
IxD
Pull Down Resistor
RPD1
VCC = 5.0V
50
500
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com