Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCXXXBF Datasheet(PDF) 65 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 61Page - STMicroelectronics SMCXXXBF Datasheet HTML 62Page - STMicroelectronics SMCXXXBF Datasheet HTML 63Page - STMicroelectronics SMCXXXBF Datasheet HTML 64Page - STMicroelectronics SMCXXXBF Datasheet HTML 65Page - STMicroelectronics SMCXXXBF Datasheet HTML 66Page - STMicroelectronics SMCXXXBF Datasheet HTML 67Page - STMicroelectronics SMCXXXBF Datasheet HTML 68Page - STMicroelectronics SMCXXXBF Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
SMCxxxBF
CF-ATA command description
65/91
10.6
Idle Immediate (95h or E1h)
This command causes the Card to set BSY, enter the Idle mode, clear BSY and generate an
interrupt. Table 56 defines the Idle Immediate command Byte sequence.
10.7
Initialize Drive Parameters (91h)
This command enables the host to set the number of sectors per track and the number of
heads per cylinder. Only the Sector Count and the Card/Drive/Head registers are used by
this command. Table 57 defines the Initialize Drive Parameters command Byte sequence.
Table 56.
Idle Immediate
Bit
765
43210
Command (7)
95h or E1h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X
Table 57.
Initialize Drive Parameters
Bit
7
6
543
2
1
0
Command (7)
91h
C/D/H (6)
X
0
X
Drive
Max Head (no. of heads 1)
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
Number of Sectors
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com