Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCXXXBF Datasheet(PDF) 63 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 59Page - STMicroelectronics SMCXXXBF Datasheet HTML 60Page - STMicroelectronics SMCXXXBF Datasheet HTML 61Page - STMicroelectronics SMCXXXBF Datasheet HTML 62Page - STMicroelectronics SMCXXXBF Datasheet HTML 63Page - STMicroelectronics SMCXXXBF Datasheet HTML 64Page - STMicroelectronics SMCXXXBF Datasheet HTML 65Page - STMicroelectronics SMCXXXBF Datasheet HTML 66Page - STMicroelectronics SMCXXXBF Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
SMCxxxBF
CF-ATA command description
63/91
Table 54.
Identify Drive Information
Word
Address
Default
Value
Total
Bytes
Data Field Type Information
0
848Ah
2
General Configuration (signature of the CompactFlash
Memory Card)
044Ah
2
Alternate Configuration.
1
XXXXh
2
Default number of cylinders
2
0000h
2
Reserved
3
00XXh
2
Default number of heads
4
0000h
2
Obsolete
5
0000h
2
Obsolete
6
XXXXh
2
Default number of sectors per track
7-8
XXXXh
4
Number of sectors per Card (Word 7 = MSW, Word 8 =
LSW)
9
0000h
2
Obsolete
10-19
aaaa
20
Serial number in ASCII (right justified)
20
0000h
2
Obsolete
21
0000h
2
Obsolete
22
0004h
2
Reserved
23-26
aaaa
8
Firmware revision in ASCII. Big Endian Byte Order in Word
27-46
aaaa
40
Model number in ASCII (right justified) Big Endian Byte
Order in Word
47
0001h
2
Maximum number of sectors on Read/Write Multiple
command
48
0000h
2
Reserved
49
0200h
2
Capabilities
50
0000h
2
Reserved
51
0200h
2
PIO data transfer cycle timing mode
52
0000h
2
Obsolete
53
0003h
2
Field validity
54
XXXXh
2
Current numbers of cylinders
55
XXXXh
2
Current numbers of heads
56
XXXXh
2
Current sectors per track
57-58
XXXXh
4
Current capacity in sectors (LBAs)(Word 57 = LSW, Word
58 = MSW)
59
0100h
2
Multiple sector setting
60-61
XXXXh
4
Total number of sectors addressable in LBA Mode
62
0000h
2
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com