Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCXXXBF Datasheet(PDF) 27 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 23Page - STMicroelectronics SMCXXXBF Datasheet HTML 24Page - STMicroelectronics SMCXXXBF Datasheet HTML 25Page - STMicroelectronics SMCXXXBF Datasheet HTML 26Page - STMicroelectronics SMCXXXBF Datasheet HTML 27Page - STMicroelectronics SMCXXXBF Datasheet HTML 28Page - STMicroelectronics SMCXXXBF Datasheet HTML 29Page - STMicroelectronics SMCXXXBF Datasheet HTML 30Page - STMicroelectronics SMCXXXBF Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
SMCxxxBF
Command Interface
27/91
Figure 5.
Common Memory Write waveforms
1.
DIN signifies data provided by the system to the CompactFlash Memory Card.
AI10082b
tsu(D-WEH)
DATA IN VALID
Address Inputs
D0 to D15 (DIN)
VALID
–REG
–CE2/–CE1
–WE
tsu(CE)
trec(WE)
th(CE)
th(D)
tsu(A)
tw(WE)
th(A)
Table 19.
Common Memory Write timing(1)
Cycle Time Mode
250ns
120ns
100ns
80ns
Unit
Symbol
IEEE
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
tsu(D-WEH)
tDVWH
Data Setup Time from WE
80
50
40
30
ns
th(D)
tWMDX
Data Hold Time
30
15
10
10
ns
tw(WE)
tWLWH
WE Pulse Width
150
70
60
55
ns
tsu(A)
tAVGL
Address Setup Time
30
15
10
10
ns
tsu(CE)
tELWL
CE Setup Time before WE
0
0
0
0
ns
trec(WE)
tWMAX
Write Recovery Time
30
15
15
15
ns
th(A)
tGHAX
Address Hold Time
20
15
15
10
ns
th(CE)
tGHEH
CE Hold following WE
20
15
15
10
ns
1.
ST CF does not assert the WAIT signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com