Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCXXXBF Datasheet(PDF) 44 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 40Page - STMicroelectronics SMCXXXBF Datasheet HTML 41Page - STMicroelectronics SMCXXXBF Datasheet HTML 42Page - STMicroelectronics SMCXXXBF Datasheet HTML 43Page - STMicroelectronics SMCXXXBF Datasheet HTML 44Page - STMicroelectronics SMCXXXBF Datasheet HTML 45Page - STMicroelectronics SMCXXXBF Datasheet HTML 46Page - STMicroelectronics SMCXXXBF Datasheet HTML 47Page - STMicroelectronics SMCXXXBF Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
Software interface
SMCxxxBF
44/91
Accesses to even addresses between 400h and 7FFh access register 8. Accesses to odd
addresses between 400h and 7FFh access register 9. This 1 KByte memory window to the
data register is provided so that hosts can perform memory-to-memory block moves to the
data register when the register lies in memory space. Some hosts, such as the X86
processors, must increment both the source and destination addresses when executing the
memory-to-memory block move instruction. Some PCMCIA socket adapters also have an
embedded auto incrementing address logic.
A Word access to address at offset 8 will provide even data on the least significant Byte of
the data bus, along with odd data at offset 9 on the most significant Byte of the data bus.
Table 37.
Memory Mapped Decoding
–
REG A10
A9 to
A4
A3 A2 A1 A0 Offset
–
OE=0
–
WE=0
1
0
X
0000
0h
Even Data Register
Even Data Register
1
0
X
0001
1h
Error Register
Feature Register
1
0
X
0010
2h
Sector Count
Register
Sector Count Register
1
0
X
0011
3h
Sector Number
Register
Sector Number Register
1
0
X
0100
4h
Cylinder Low Register
Cylinder Low Register
1
0
X
0101
5h
Cylinder High
Register
Cylinder High Register
1
0
X
0110
6h
Select Card/Head
Register
Select Card/Head
Register
1
0
X
0111
7h
Status Register
Command Register
1
0
X
1000
8h
Dup. Even Data
Register
Dup. Even Data Register
1
0
X
1001
9h
Dup. Odd Data
Register
Dup. Odd Data Register
1
0
X
1101
Dh
Dup. Error Register
Dup. Feature Register
1
0
X
1110
Eh
Alternate Status
Register
Device Control Register
1
0
X
1111
Fh
Drive Address
Register
Reserved
1
1
X
X
X
X
0
8h
Even Data Register
Even Data Register
1
1
X
X
X
X
1
9h
Odd Data Register
Odd Data Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com