Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCXXXBF Datasheet(PDF) 76 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 76 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 72Page - STMicroelectronics SMCXXXBF Datasheet HTML 73Page - STMicroelectronics SMCXXXBF Datasheet HTML 74Page - STMicroelectronics SMCXXXBF Datasheet HTML 75Page - STMicroelectronics SMCXXXBF Datasheet HTML 76Page - STMicroelectronics SMCXXXBF Datasheet HTML 77Page - STMicroelectronics SMCXXXBF Datasheet HTML 78Page - STMicroelectronics SMCXXXBF Datasheet HTML 79Page - STMicroelectronics SMCXXXBF Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
CF-ATA command description
SMCxxxBF
76/91
10.22
Translate Sector (87h)
This command allows the host a method of determining the exact number of times a user
sector has been erased and programmed. The controller responds with a 512 Byte buffer of
information containing the desired cylinder, head and sector, including its Logical Address,
and the Hot Count, if available, for that sector. Table 75 defines the Translate Sector
command Byte sequence. Table 76 represents the information in the buffer.
Table 74.
Standby Immediate
Bit
7
6
5432
1
0
Command (7)
94h or E0h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X
Table 75.
Translate Sector
Bit
7
6
5
432
1
0
Command (7)
87h
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sect Num (3)
Sector Number (LBA 7-0)
Sect Cnt (2)
X
Feature (1)
X
Table 76.
Translate Sector Information
Address
Information
00h-01h
Cylinder MSB (00), Cylinder LSB (01)
02h
Head
03h
Sector
04-06h
LBA MSB (04) - LSB (06)
07-12h
Reserved
13h
Erased Flag (FFh) = Erased; 00h = Not Erased
14h-17h
Reserved
18h-1Ah
Hot Count MSB (18) - LSB (1A); 0 = Hot Count not supported
1Bh-1FFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com