Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 20Page - Analog Devices AD9914/PCBZ Datasheet HTML 21Page - Analog Devices AD9914/PCBZ Datasheet HTML 22Page - Analog Devices AD9914/PCBZ Datasheet HTML 23Page - Analog Devices AD9914/PCBZ Datasheet HTML 24Page - Analog Devices AD9914/PCBZ Datasheet HTML 25Page - Analog Devices AD9914/PCBZ Datasheet HTML 26Page - Analog Devices AD9914/PCBZ Datasheet HTML 27Page - Analog Devices AD9914/PCBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Data Sheet
AD9914
FUNCTIONAL BLOCK DETAIL
analog.com
Rev. G | 24 of 48
The primary control for the OSK block is the OSK enable bit
(0x00[8]). When the OSK function is disabled, the OSK input
controls and OSK pin are ignored.
The OSK pin functionality depends on the state of the external OSK
enable bit and the OSK enable bit. When both bits are set to Logic
1 and the OSK pin is Logic 0, the output amplitude is forced to 0;
otherwise, if the OSK pin is Logic 1, the output amplitude is set
by the amplitude scale factor value in one of eight profile registers
depending on the profile pin selection.
Figure 36. OSK Block Diagram
DIGITAL RAMP GENERATOR (DRG)
DRG Overview
To sweep phase, frequency, or amplitude from a defined start point
to a defined endpoint, a completely digital ramp generator is includ-
ed in the AD9914. The DRG makes use of eight control register
bits, three external pins, and five 32-bit registers (see Figure 37).
Figure 37. Digital Ramp Block Diagram
The primary control for the DRG is the digital ramp enable bit
(0x01[19]). When disabled, the other DRG input controls are ignor-
ed and the internal clocks are shut down to conserve power.
The output of the DRG is a 32-bit unsigned data bus that can
be routed to any one of the three DDS signal control parameters,
as controlled by the two digital ramp destination bits in Control
Function Register 2 according to Table 9. The 32-bit output bus is
LSB-aligned with the 32-bit frequency parameter, the 16‑bit phase
parameter, or the 12-bit amplitude parameter, as defined by the
destination bits. When the destination is phase or amplitude, the
unused MSBs are ignored.
Table 9. Digital Ramp Destination
Digital Ramp Destination
Bits (CFR2[21:20])
DDS Signal Control
Parameter
Allocation of the DDS
Parameter Bits in the
32-Bit DRG Output Bus
00
Frequency
31:0
01
Phase
15:0
1x1
Amplitude
11:0
1 x = don’t care.
The ramp characteristics of the DRG are fully programmable. This
includes the upper and lower ramp limits, and independent control
of the step size and step rate for both the positive and negative
slope characteristics of the ramp. A detailed block diagram of the
DRG is shown in Figure 38.
The direction of the ramping function is controlled by the DRCTL
pin. The DRG responds differently to the DRCTL pin depending on
the state of the two no-dwell bits (CFR2[18:17]) per Table 10.
The DRG also supports a hold feature controlled via the DRHOLD
pin. When this pin is set to Logic 1, the DRG is stalled at the
last state; otherwise, the DRG operates normally. The DDS signal
control parameters that are not the destination of the DRG are
taken from the active profile.
Table 10. DRCTL Pin Functionality
CFR2[18]
CFR2[17]
Dwell Type
DRCTL Pin Behavior
0
0
Hold upper (lower) frequency
limit at end of rising (falling)
ramp
Level sensitive. Logic 0 on the DRCTL pin causes the DRG to initiate a falling ramp,
whereas Logic 1 causes the DRG to initiate a rising ramp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com