Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 37Page - Analog Devices AD9914/PCBZ Datasheet HTML 38Page - Analog Devices AD9914/PCBZ Datasheet HTML 39Page - Analog Devices AD9914/PCBZ Datasheet HTML 40Page - Analog Devices AD9914/PCBZ Datasheet HTML 41Page - Analog Devices AD9914/PCBZ Datasheet HTML 42Page - Analog Devices AD9914/PCBZ Datasheet HTML 43Page - Analog Devices AD9914/PCBZ Datasheet HTML 44Page - Analog Devices AD9914/PCBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Data Sheet
AD9914
REGISTER MAP AND BIT DESCRIPTIONS
analog.com
Rev. G | 41 of 48
Table 15. Register Map
Register Name
(Serial Address)
Bit Range
(Parallel
Address)
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)1
USR0 (0x1B)
[7:0] (0x6C)
Requires register default value settings (0x00)
0x00
[15:8]
(0x6D)
Requires register default value settings (0x08)
0x08
[23:16]
(0x6E)
Requires register default value settings (0x00)
0x00
[31:24]
(0x6F)
Open
PLL lock
Read only
1 A master reset is required after power up. The master reset returns the internal registers to the default values.
2 The DAC CAL enable bit must be manually set and then cleared after each power-up and every time REF CLK or the internal system clock is changed. This initiates an
internal calibration routine to optimize the setup and hold times for internal DAC timing. Failure to calibrate degrades ac performance or makes the device nonfunctional.
REGISTER BIT DESCRIPTIONS
The serial input/output port registers span an address range of 0 to
27 (0x00 to 0x1B in hexadecimal notation). This represents a total
of 28 individual serial registers. If programming in parallel mode,
the number of parallel registers increases to 112 individual parallel
registers. Additionally, the registers are assigned names according
to the functionality. In some cases, a register is given a mnemonic
descriptor. For example, the register at Serial Address 0x00 is
named Control Function Register 1 and is assigned the mnemonic
CFR1.
This section provides a detailed description of each bit in the
AD9914 register map. For cases in which a group of bits serves a
specific function, the entire group is considered a binary word and
is described in aggregate.
This section is organized in sequential order of the serial addresses
of the registers. Each subheading includes the register name and
optional register mnemonic (in parentheses). Also given is the serial
address in hexadecimal format and the number of bytes assigned
to the register.
Following each subheading is a table containing the individual bit
descriptions for that particular register. The location of the bit(s) in
the register is indicated by a single number or a pair of numbers
separated by a colon; that is, a pair of numbers (A:B) indicates a
range of bits from the most significant (A) to the least significant (B).
For example, [5:2] implies Bit Position 5 to Bit Position 2, inclusive,
with Bit 0 identifying the LSB of the register.
Unless otherwise stated, programmed bits are not transferred to the
internal destinations until the assertion of the I/O_UPDATE pin or a
profile pin change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com