Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 39Page - Analog Devices AD9914/PCBZ Datasheet HTML 40Page - Analog Devices AD9914/PCBZ Datasheet HTML 41Page - Analog Devices AD9914/PCBZ Datasheet HTML 42Page - Analog Devices AD9914/PCBZ Datasheet HTML 43Page - Analog Devices AD9914/PCBZ Datasheet HTML 44Page - Analog Devices AD9914/PCBZ Datasheet HTML 45Page - Analog Devices AD9914/PCBZ Datasheet HTML 46Page - Analog Devices AD9914/PCBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Data Sheet
AD9914
REGISTER MAP AND BIT DESCRIPTIONS
analog.com
Rev. G | 43 of 48
Table 16. Bit Description for CFR1
Bits
Mnemonic
Description
1 = assertion of the EXT_PWR_DWN pin affects power-down.
2
Open
Open.
1
SDIO input only
0 = configures the SDIO pin for bidirectional operation; 2-wire serial programming
mode (default).
1 = configures the serial data input/output pin (SDIO) as an input only pin; 3-wire serial
programming mode.
0
LSB first mode
0 = configures the serial input/output port for MSB-first format (default).
1 = configures the serial input/output port for LSB-first format.
Control Function Register 2 (CFR2)—Address 0x01
Table 17. Bit Descriptions for CFR2
Bit(s)
Mnemonic
Description
[31:24]
Open
Open.
23
Profile mode enable
0 = disables profile mode functionality (default).
1 = enables profile mode functionality. Profile pins select the desired profile.
22
Parallel data port enable
See the Parallel Data Port Modulation Mode section for more details.
0 = disables parallel data port modulation functionality (default).
1 = enables parallel data port modulation functionality.
[21:20]
Digital ramp destination
See Table 9 for details. Default is 00. See the Digital Ramp Generator (DRG) section for more details.
19
Digital ramp enable
0 = disables digital ramp generator functionality (default).
1 = enables digital ramp generator functionality.
18
Digital ramp no-dwell high
See the Digital Ramp Generator (DRG) section for details.
0 = disables no-dwell high functionality (default).
1 = enables no-dwell high functionality.
17
Digital ramp no-dwell low
See the Digital Ramp Generator (DRG) section for details.
0 = disables no-dwell low functionality (default).
1 = enables no-dwell low functionality.
16
Programmable modulus enable
0 = disables programmable modulus.
1 = enables programmable modulus.
15
Matched latency enable
0 = simultaneous application of amplitude, phase, and frequency changes to the DDS arrive at the output at different
times based on their individual path latency listed in Table 2 under data latency (pipe line delay)(default).
1 = simultaneous application of amplitude, phase, and frequency changes to the DDS arrive at the output
simultaneously.
14
Frequency jump enable
0 = disables frequency jump mode (default).
1 = enables frequency jump mode. Must have the digital generator DRG enabled for this feature.
13
DRG over output enable
0 = disables the DROVER output.
1 = enables the DROVER output.
12
Open
Open.
11
SYNC_CLK enable
0 = the SYNC_CLK pin is disabled and forced to a static Logic 0 state; the internal clock signal continues to operate
and provide timing.
1 = the internal SYNC_CLK signal appears at the SYNC_CLK pin (default).
10
SYNC_CLK invert
0 = normal SYNC_CLK pin polarity (default).
1 = inverted SYNC_CLK pin polarity.
9
Reserved
Keep logic 0.
[8:0]
Open
Open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com