Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 19Page - Analog Devices AD9914/PCBZ Datasheet HTML 20Page - Analog Devices AD9914/PCBZ Datasheet HTML 21Page - Analog Devices AD9914/PCBZ Datasheet HTML 22Page - Analog Devices AD9914/PCBZ Datasheet HTML 23Page - Analog Devices AD9914/PCBZ Datasheet HTML 24Page - Analog Devices AD9914/PCBZ Datasheet HTML 25Page - Analog Devices AD9914/PCBZ Datasheet HTML 26Page - Analog Devices AD9914/PCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Data Sheet
AD9914
FUNCTIONAL BLOCK DETAIL
analog.com
Rev. G | 23 of 48
the other. Thus, the ability to choose the edge with less jitter yields
less noise.
The divided path is in effect when CFR3[17] = 1 (the state of
CFR3[16] and CFR3[19] is immaterial). The user has four options
via CFR3[21:20]: disable the divider or divide by 2, 4 or 8. Note that
the divided path uses the inverted version of the REF_CLK input
signal exclusively.
The multiplied path is in effect when CFR3[19] = 1 and CFR3[17]
= 0, which doubles the frequency of the REF_CLK input before
delivering it to the input of the PLL.
VCO Calibration
When using the PLL to generate the system clock, VCO calibration
is required to tune the VCO appropriately and achieve good per-
formance. When the reference input signal is stable, the VCO cal
enable bit in the CFR1 register, 0x00[24], must be asserted. Sub-
sequent VCO calibrations require that the VCO calibration bit be
cleared prior to initiating another VCO calibration. VCO calibration
must occur before DAC calibration to ensure optimal performance
and functionality.
PLL Charge Pump/Total Feedback Divider
The charge pump current (ICP) value is automatically chosen via
the VCO calibration process and N value (N = 10 to 255) stored in
Feedback Divider N[7:0] in the CFR3 register (0x02[15:8]). N values
below 10 must be avoided.
Note that the total PLL multiplication value for the PLL is always 2N
due to the fixed divide by 2 element in the feedback path. This is
shown in Figure 35. This fixed divide by 2 element forces only even
PLL multiplication.
To manually override the charge pump current value, the manual
ICP selection bit in CFR3 (0x02[6]) must be set to Logic 1. This
provides the user with additional flexibility to optimize the PLL
performance. Table 7 lists the bit settings vs. the nominal charge
pump current.
Table 7. PLL Charge Pump Current
ICP Bits (CFR3[5:3])
Charge Pump Current, ICP (μA)
000
125
001
250
010
375
011
500 (default)
100
625
101
750
110
875
111
1000
Table 8. N Divider vs. Charge Pump Current
N Divider Range
Recommended Charge Pump Current, ICP
(μA)
10 to 15
125
Table 8. N Divider vs. Charge Pump Current
N Divider Range
Recommended Charge Pump Current, ICP
(μA)
16 to 23
250
24 to 35
375
36 to 43
500
44 to 55
625
56 to 63
750
64 to 79
875
80 to 100
1000
PLL Loop Filter Components
The loop filter is mostly internal to the device, as shown in Figure
35. The recommended external capacitor value is 560 pF. Because
CP and RPZ are integrated, it is not recommended to adjust the
loop bandwidth via the external capacitor value. The better option
is to adjust the charge pump current even though it is a coarse
adjustment.
For example, suppose the PLL is manually programmed such that
ICP = 375 μA, KV = 60 MHz/V, and N = 25. This produces a loop
bandwidth of approximately 250 kHz.
Figure 35. REF CLK PLL External Loop Filter
PLL Lock Indication
When the PLL is in use and CFR3[2] = 1, the PLL lock bit
(0x1B[24]) provides an active high indication that the PLL has
locked to the REF CLK input signal.
OUTPUT SHIFT KEYING (OSK)
The OSK function (see Figure 36) allows the user to control the
output signal amplitude of the DDS. The amplitude data generated
by the OSK block has priority over any other functional block that
is programmed to deliver amplitude data to the DDS. Therefore, the
OSK data source, when enabled, overrides all other amplitude data
sources.
The operation of the OSK function is governed by two CFR1 regis-
ter bits, OSK enable (0x00[8]) and external OSK enable (0x00[9]),
the external OSK pin, the profile pins, and the 12 bits of amplitude
scale factor found in one of eight profile registers. The profile pins
select the profile register containing the desired amplitude scale
factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com