Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 30Page - Analog Devices AD9914/PCBZ Datasheet HTML 31Page - Analog Devices AD9914/PCBZ Datasheet HTML 32Page - Analog Devices AD9914/PCBZ Datasheet HTML 33Page - Analog Devices AD9914/PCBZ Datasheet HTML 34Page - Analog Devices AD9914/PCBZ Datasheet HTML 35Page - Analog Devices AD9914/PCBZ Datasheet HTML 36Page - Analog Devices AD9914/PCBZ Datasheet HTML 37Page - Analog Devices AD9914/PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Data Sheet
AD9914
SERIAL PROGRAMMING
analog.com
Rev. G | 34 of 48
To enable SPI operations, set Pin 28 (F0) to logic high and Pin 29
to Pin 31 (F1 to F3) to logic low. To program the AD9914 with a
parallel interface, see the Parallel Programming (8-/16-Bit) section.
CONTROL INTERFACE—SERIAL INPUT/
OUTPUT
The AD9914 serial port is a flexible, synchronous serial commu-
nications port allowing easy interface to many industry-standard
microcontrollers and microprocessors. The serial input/output is
compatible with most synchronous transfer formats.
The interface allows read/write access to all registers that configure
the AD9914. MSB-first or LSB-first transfer formats are supported.
In addition, the serial interface port can be configured as a single
pin input/output (SDIO) allowing a 2-wire interface, or it can be
configured as two unidirectional pins for input/output (SDIO and
SDO), enabling a 3-wire interface. Two optional pins (I/O_SYNC
and CS) enable greater flexibility for designing systems with the
AD9914.
Table 12. Serial Input/Output Pin Description
Pin No.
Mnemonic
Serial Input/Output Description
18
D4/SYNCIO
SYNCIO
19
D3/SDO
SDO
20
D2/SDIO/WR
SDIO
21
D1/SCLK/RD
SCLK
22
D0/CS/PWD
CS—chip select
GENERAL SERIAL INPUT/OUTPUT
OPERATION
There are two phases to a serial communications cycle. The first is
the instruction phase to write the instruction byte into the AD9914.
The instruction byte contains the address of the register to be
accessed and defines whether the upcoming data transfer is a write
or read operation.
For a write cycle, Phase 2 represents the data transfer between the
serial port controller to the serial port buffer. The number of bytes
transferred is a function of the register being accessed. For exam-
ple, when accessing Control Function Register 2 (Address 0x01),
Phase 2 requires that four bytes be transferred. Each bit of data is
registered on each corresponding rising edge of SCLK. The serial
port controller expects that all bytes of the register be accessed;
otherwise, the serial port controller is put out of sequence for the
next communication cycle. However, one way to write fewer bytes
than required is to use the SYNCIO pin feature. The SYNCIO pin
function can abort an input/output operation and reset the pointer
of the serial port controller. After a SYNCIO, the next byte is the
instruction byte. Note that every completed byte written prior to a
SYNCIO is preserved in the serial port buffer. Partial bytes written
are not preserved. At the completion of any communication cycle,
the AD9914 serial port controller expects the next eight rising SCLK
edges to be the instruction byte for the next communication cycle.
After a write cycle, the programmed data resides in the serial port
buffer and is inactive. I/O_UPDATE transfers data from the serial
port buffer to active registers. The input/output update can be sent
either after each communication cycle or when all serial operations
are complete. In addition, a change in profile pins can initiate an
input/output update.
For a read cycle, Phase 2 is the same as the write cycle with the
following differences: data is read from the active registers, not the
serial port buffer, and data is driven out on the falling edge of SCLK.
Note that, to read back any profile register (0x0B to 0x1A), the
three external profile pins must be used. For example, if the profile
register is Profile 5 (0x15), the PS[0:2] pins must equal 101.This is
not required to write to the profile registers.
INSTRUCTION BYTE
The instruction byte contains the following information as shown in
the instruction byte information bit map.
Instruction Byte Information Bit Map
MSB
LSB
I7
I6
I5
I4
I3
I2
I1
I0
R/W
X
A5
A4
A3
A2
A1
A0
R/W—Bit 7 of the instruction byte determines whether a read or
write data transfer occurs after the instruction byte write. Logic 1
indicates a read operation. Logic 0 indicates a write operation.
X—Bit 6 of the instruction byte is don’t care.
A5, A4, A3, A2, A1, A0—Bit 5, Bit 4, Bit 3, Bit 2, Bit 1, and Bit 0 of
the instruction byte determine which register is accessed during the
data transfer portion of the communications cycle.
SERIAL INPUT/OUTPUT PORT PIN
DESCRIPTIONS
SCLK—Serial Clock
The serial clock pin synchronizes data to and from the AD9914 and
to run the internal state machines.
CS—Chip Select Bar
CS is an active low input that allows more than one device on
the same serial communications line. The SDO and SDIO pins go
to a high impedance state when this input is high. If driven high
during any communications cycle, that cycle is suspended until CS
is reactivated low. Chip select (CS) can be tied low in systems that
maintain control of SCLK.
SDIO—Serial Data Input/Output
Data is always written into the AD9914 on this pin. However, this
pin can be used as a bidirectional data line. Bit 1 of CFR1 (0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com