Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 27Page - Analog Devices AD9914/PCBZ Datasheet HTML 28Page - Analog Devices AD9914/PCBZ Datasheet HTML 29Page - Analog Devices AD9914/PCBZ Datasheet HTML 30Page - Analog Devices AD9914/PCBZ Datasheet HTML 31Page - Analog Devices AD9914/PCBZ Datasheet HTML 32Page - Analog Devices AD9914/PCBZ Datasheet HTML 33Page - Analog Devices AD9914/PCBZ Datasheet HTML 34Page - Analog Devices AD9914/PCBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Data Sheet
AD9914
PROGRAMMING AND FUNCTION PINS
analog.com
Rev. G | 31 of 48
The AD9914 is equipped with a 32-bit parallel port. The 32-bit port
is for programming the internal registers of the device in either seri-
al mode or parallel mode as well as allowing for direct modulation
control of frequency (FTW), phase (POW), and amplitude (AMP).
The state of the external function pins (F0 to F3) determines how
the 32-bit parallel port is configured. Pin 28 to Pin 31 are the
function pins. Refer to Table 11 for possible configurations.
Note that the OSK enable bit, CFR1[8], must be set to enable
amplitude control, as shown in Table 11.
Table 11. Parallel Port Configurations
Function Pins,
F[3:0]1
Mode Description
32-Bit Parallel Port Pin Assignment
Bits[31:24]2
Bits[23:16]3
Bits[15:8]4
Bits[7:0]5
0000
Parallel programming mode
Data[15:8]
(optional)
Data[7:0]
Address[7:0]
Controls writes, reads, and 8-bit or 16-bit
data-word. See the Parallel Programming
(8-/16-Bit) section for details.
0001
Serial programming mode
Not used
Not used
Not used
Controls SCLK, SDIO, SDO, CS,
and SYNCIO. See the Serial Programming
section for details.
0010
Full 32 bits of direct frequency tuning word
control. MSB and LSB aligned to parallel
port pins
FTW[31:24]
FTW[23:16]
FTW[15:8]
FTW[7:0]
0011
Full 32 bits of direct frequency tuning
word control with different parallel port pin
assignments
FTW[15:8]
FTW[7:0]
FTW[31:24]
FTW[23:16]
0100
Full 16 bits of direct phase offset control
and full 12 bits of direct amplitude control
POW[15:8]
POW[7:0]
AMP[11:8]
AMP[7:0]
0101
Full 12 bits of direct amplitude control and
full 16 bits of direct phase offset control
AMP[11:8]
AMP[7:0]
POW[15:8]
POW[7:0]
0110
24 bits of partial FTW control and 8 bits of
partial amplitude control
FTW[31:24]
FTW[23:16]
FTW[15:8]
AMP[15:8]
0111
24 bits of partial FTW control and 8 bits of
partial phase offset control
FTW[31:24]
FTW[23:16]
FTW[15:8]
POW[15:8]
1000
24 bits of partial FTW control and 8 bits of
partial amplitude control
FTW[31:24]
FTW[23:16]
FTW[15:8]
AMP[7:0]
1001
24 bits of partial FTW control and 8 bits of
partial phase offset control
FTW[31:24]
FTW[23:16]
FTW[15:8]
POW[7:0]
1010
24 bits of partial FTW control and 8 bits of
partial amplitude control
FTW[23:16]
FTW[15:8]
FTW[7:0]
AMP[15:8]
1011
24 bits of partial FTW control and 8 bits of
partial phase offset control
FTW[23:16]
FTW[15:8]
FTW[7:0]
POW[15:8]
1100
24 bits of partial FTW control and 8 bits of
partial amplitude control
FTW[23:16]
FTW[15:8]
FTW[7:0]
AMP[7:0]
1101
24 bits of partial FTW control and 8 bits of
partial phase offset control
FTW[23:16]
FTW[15:8]
FTW[7:0]
POW[7:0]
1110
Not used
Not used
Not used
Not used
1111
Not used
Not used
Not used
Not used
1 Pin 31 to Pin 28.
2 Pin 68 to Pin 72, Pin 75 to Pin 77.
3 Pin 78 to Pin 81, Pin 87, Pin 88, Pin 1, Pin 2.
4 Pin 3 to Pin 5, Pin 8 to Pin 12.
5 Pin 13 to Pin 15, Pin 18 to Pin 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com