Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 40Page - Analog Devices AD9914/PCBZ Datasheet HTML 41Page - Analog Devices AD9914/PCBZ Datasheet HTML 42Page - Analog Devices AD9914/PCBZ Datasheet HTML 43Page - Analog Devices AD9914/PCBZ Datasheet HTML 44Page - Analog Devices AD9914/PCBZ Datasheet HTML 45Page - Analog Devices AD9914/PCBZ Datasheet HTML 46Page - Analog Devices AD9914/PCBZ Datasheet HTML 47Page - Analog Devices AD9914/PCBZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Data Sheet
AD9914
REGISTER MAP AND BIT DESCRIPTIONS
analog.com
Rev. G | 44 of 48
Control Function Register 3 (CFR3)—Address 0x02
Table 18. Bit Descriptions for CFR3
Bit(s)
Mnemonic
Description
[31:23]
Open
Open.
22
PLL input divider reset
0 = disables the PLL input divider reset function.
1 = resets the PLL input divider.
[21:20]
PLL input divide value
Divides the input REF CLK signal to the PLL by one of three values (2, 4, 8). Bit 17 must be set to Logic 1 to use the
PLL input divider.
00 = disable divider.
01 = divide by 2.
10 = divide by 4.
11 = divide by 8.
19
PLL input doubler select
0 = selects the feedthrough path.
1 = selects the 2× path.
This bit is only meaningful when CFR3[18] = 1 and CFR3[17] = 0.
18
PLL enable
0 = disables the internal PLL.
1 = enables the internal PLL for generating the system clock (the PLL must be calibrated via CFR1[24]).
17
PLL input divider select
0 = Selects the feed through and 2× multiplier paths.
1 = selects the PLL input divider path.
This bit is only meaningful when CFR3[18] = 1.
16
PLL edge select
0 = select rising edge.
1 = select falling edge.
This bit is only meaningful when CFR3[18] = 1, CFR3[17] = 0 and CFR3[19] = 0. The PLL locks to the selected edge of
REF_CLK.
[15:8]
Feedback divider N
The N divider value in Bits[15:8] is one part of the total PLL multiplication available. The second part is the fixed divide
by two element in the feedback path. Therefore, the total PLL multiplication value is 2N. The valid N divider range is
10× to 255×. The default N value for Bits[15:8] = 25, which sets the total default PLL multiplication to 50× or 2N.
7
Open
Open.
6
Manual ICP selection
0 = the internal charge pump current is chosen automatically during the VCO calibration routine (default).
1 = the internal charge pump is set manually per Table 7.
[5:3]
ICP
Manual charge pump current selection. See Table 7.
2
Lock detect enable
0 = disables PLL lock detection.
1 = enables PLL lock detection.
[1:0]
Minimum LDW
Selects the number of REF CLK cycles that the phase error (at the PFD inputs) must remain within before a PLL lock
condition can be read back via Bit 24 in Register 0x00.
00 = 128 REF CLK cycles.
01 = 256 REF CLK cycles.
10 = 512 REF CLK cycles.
11 = 1024 REF CLK cycles.
Control Function Register 4 (CFR4)—Address 0x03
Table 19. Bit Descriptions for DAC
Bit(s)
Mnemonic
Description
[31:27]
Open
Open.
26
Auxiliary divider power‑down
0 = enables the SYNC OUT circuitry.1 = disables the SYNC OUT circuitry.
25
DAC CAL clock power‑down
0 = enables the DAC CAL clock if Bit 26 in Register 0x03 is Logic 0.1 = disables the DAC CAL clock.
24
DAC CAL enable
1 = initiates an auto DAC calibration. The DAC CAL calibration is required at power-up and any time the internal
system clock is changed.
[23:0]
(See description)
These bits must always be programmed with the default values listed in the default column in Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com