Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 40Page - Analog Devices AD9914/PCBZ Datasheet HTML 41Page - Analog Devices AD9914/PCBZ Datasheet HTML 42Page - Analog Devices AD9914/PCBZ Datasheet HTML 43Page - Analog Devices AD9914/PCBZ Datasheet HTML 44Page - Analog Devices AD9914/PCBZ Datasheet HTML 45Page - Analog Devices AD9914/PCBZ Datasheet HTML 46Page - Analog Devices AD9914/PCBZ Datasheet HTML 47Page - Analog Devices AD9914/PCBZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Data Sheet
AD9914
REGISTER MAP AND BIT DESCRIPTIONS
analog.com
Rev. G | 46 of 48
Table 25. Bit Descriptions for Lower Frequency Jump Register
Bit(s)
Mnemonic
Description
[31:0]
Lower frequency jump point
32-bit digital lower frequency jump value. During a rising frequency sweep, when the lower frequency jump value is
reached, the output frequency jumps to the upper frequency jump value instantaneously and continues frequency
sweeping in a phase-continuous manner. During a falling frequency sweep, when the upper frequency jump value
is reached, the output frequency jumps to the lower frequency jump value instantaneously and continues frequency
sweeping in a phase-continuous manner.
Upper Frequency Jump Register—Address 0x0A
This register is effective only if the digital ramp enable bit (0x01[19]) = 1, the frequency jump enable bit (0x01[14]) = 1 in the CFR2 register, and
at least one of the no-dwell bits (CFR2[18:17]) is Logic 0. See the Digital Ramp Generator (DRG) section for details.
Table 26. Bit Descriptions for Upper Frequency Jump Register
Bit(s)
Mnemonic
Description
[31:0]
Upper frequency jump point
32-bit digital upper frequency jump value. During a rising frequency sweep, when the lower frequency jump
value is reached, the output frequency jumps to the upper frequency jump value instantaneously and continues
frequency sweeping in a phase-continuous manner. During a falling frequency sweep, when the upper frequency
jump value is reached, the output frequency jumps to the lower frequency jump value instantaneously and
continues frequency sweeping in a phase-continuous manner.
Profile Registers
There are 16 serial input/output addresses (Address 0x0B to Address 0x01A) dedicated to device profiles. Eight of the 16 profiles house up
to eight single tone frequencies. The remaining eight profiles contain the corresponding phase offset and amplitude parameters relative to the
profile pin setting.
To enable profile mode, set the profile mode enable bit in CFR2 (0x01[23]) = 1. The active profile register is selected using the external PS[2:0]
pins.
Profile 0 to Profile 7, Single Tone Registers—0x0B, 0x0D, 0x0F, 0x11, 0x13, 0x15, 0x17, 0x19
Four bytes are assigned to each register.
Table 27. Bit Descriptions for Profile 0 to Profile 7 Single Tone Registers
Bit(s)
Mnemonic
Description
[31:0]
Frequency tuning word
This 32-bit number controls the DDS frequency.
Profile 0 to Profile 7, Phase Offset and Amplitude Registers—0x0C, 0x0E, 0x10, 0x12, 0x14, 0x16,
0x18, 0x1A
Four bytes are assigned to each register.
Table 28. Bit Descriptions for Profile 0 to Profile 7 Phase Offset and Amplitude Registers
Bit(s)
Mnemonic
Description
[31:28]
Open
Open.
[27:16]
Amplitude scale factor
This 12-bit word controls the DDS amplitude. Note that the OSK enable bit (0x00[8]) must be set to logic high to make amplitude
adjustments.
[15:0]
Phase offset word
This 16-bit word controls the DDS phase offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com