Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 38Page - Analog Devices AD9914/PCBZ Datasheet HTML 39Page - Analog Devices AD9914/PCBZ Datasheet HTML 40Page - Analog Devices AD9914/PCBZ Datasheet HTML 41Page - Analog Devices AD9914/PCBZ Datasheet HTML 42Page - Analog Devices AD9914/PCBZ Datasheet HTML 43Page - Analog Devices AD9914/PCBZ Datasheet HTML 44Page - Analog Devices AD9914/PCBZ Datasheet HTML 45Page - Analog Devices AD9914/PCBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Data Sheet
AD9914
REGISTER MAP AND BIT DESCRIPTIONS
analog.com
Rev. G | 42 of 48
Control Function Register 1 (CFR1)—Address 0x00
Table 16. Bit Description for CFR1
Bits
Mnemonic
Description
[31:25]
Open
24
VCO cal enable
1 = initializes the auto internal PLL calibration. The calibration is required if the PLL is to provide the internal system
clock. Must first be reset to Logic 0 before another calibration can be issued.
[23:18]
Open
Open.
17
Parallel port streaming enable
0 = the 32 bit parallel port needs an input/output update to activate or register any FTW, POW, or AMP data
presented to the 32-bit parallel port.
1 = the parallel port continuously samples data on the 32 input pins using SYNC_CLK and multiplexes the value of
FTW/POW/AMP accordingly, per the configuration of the F0 to F3 pins, without the need of an input/output update.
Data must meet the setup and hold times of the SYNC_CLK rising edge. If the function pins are used dynamically to
alter data between parameters, they must also meet the timing of the SYNC_CLK edge.
16
Enable sine output
0 = cosine output of the DDS is selected.
1 = sine output of the DDS is selected (default).
15
Load LRR on input/output update
Ineffective unless CFR2[19] = 1.
0 = normal operation of the digital ramp timer (default).
1 = interrupts the digital ramp timer operation to load a new linear ramp rate (LRR) value any time I/O_UPDATE is
asserted or a PS[2:0] change occurs.
14
Autoclear digital ramp accumulator
0 = normal operation of the DRG accumulator (default).
1 = the digital ramp accumulator is reset for one cycle of the DDS clock (SYNC_CLK), after which the accumulator
automatically resumes normal operation. As long as this bit remains set, the ramp accumulator is momentarily reset
each time an input/output update is asserted or a PS[2:0] change occurs. This bit is synchronized with either an
input/output update or a PS[2:0] change and the next rising edge of SYNC_CLK.
13
Autoclear phase accumulator
0 = normal operation of the DDS phase accumulator (default).
1 = synchronously resets the DDS phase accumulator anytime I/O_UPDATE is asserted or a profile change occurs.
12
Clear digital ramp accumulator
0 = normal operation of the digital ramp generator (default).
1 = asynchronous, static reset of the DRG accumulator. The ramp accumulator remains reset as long as this bit
remains set. This bit is synchronized with either an input/output update or a PS[2:0] change and the next rising edge
of SYNC_CLK.
11
Clear phase accumulator
0 = normal operation of the DDS phase accumulator (default).
1 = asynchronous, static reset of the DDS phase accumulator as long as this bit is set. This bit is synchronized with
either an input/output update or a PS[2:0] change and the next rising edge of SYNC_CLK.
10
Open
Open.
9
External OSK enable
0 = manual OSK enabled (default).
1 = automatic OSK enabled.
Ineffective unless CFR1[8] = 1.
8
OSK enable
0 = OSK disabled (default).
1 = OSK enabled. This bit must be set to affect any digital amplitude change using the DRG, a profile, direct mode
via the 32-bit parallel port, or OSK pin.
7
Digital power-down
This bit is effective without the need for an input/output update.
0 = clock signals to the digital core are active (default).
1 = clock signals to the digital core are disabled.
6
DAC power-down
0 = DAC clock signals and bias circuits are active (default).
1 = DAC clock signals and bias circuits are disabled.
5
REFCLK input power-down
This bit is effective without the need for an input/output update.
0 = REFCLK input circuits and PLL are active (default).
1 = REFCLK input circuits and PLL are disabled.
4
Open
Open.
3
External power-down control
0 = assertion of the EXT_PWR_DWN pin affects fast recovery power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com