Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914/PCBZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9914/PCBZ
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914/PCBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9914/PCBZ Datasheet HTML 25Page - Analog Devices AD9914/PCBZ Datasheet HTML 26Page - Analog Devices AD9914/PCBZ Datasheet HTML 27Page - Analog Devices AD9914/PCBZ Datasheet HTML 28Page - Analog Devices AD9914/PCBZ Datasheet HTML 29Page - Analog Devices AD9914/PCBZ Datasheet HTML 30Page - Analog Devices AD9914/PCBZ Datasheet HTML 31Page - Analog Devices AD9914/PCBZ Datasheet HTML 32Page - Analog Devices AD9914/PCBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Data Sheet
AD9914
FUNCTIONAL BLOCK DETAIL
analog.com
Rev. G | 29 of 48
DROVER Pin
The DROVER pin provides an external signal to indicate the sweep
status of the DRG (assuming the DRG is enabled via CFR2[19] = 1
and the DROVER pin is enabled via CFR2[13] = 1). The behavior
of the DROVER pin depends on the state of the no-dwell bits
(CFR2[17:18]).
With neither no-dwell bit set (dwell operation), the DROVER pin is
Logic 1 whenever the DRG output is at the upper or lower limit
(per the prevailing sweep direction). Upon initiation of a new sweep,
the DROVER pin switches to Logic 0 until the DRG output again
reaches the appropriate limit.
With either (but not both) no-dwell bit set (no-dwell operation), the
DROVER pin behavior is the same as for dwell operation. However,
the DROVER pin remains Logic 1 even after the DRG returns to the
starting point as prescribed by no-dwell operation. Upon initiation of
a new sweep, the DROVER pin switches to Logic 0 until the DRG
output again reaches the appropriate limit.
With both no-dwell bits set (bidirectional sweep operation), instead
of providing a static indication, the DROVER pin generates a
positive pulse for two SYNC_CLK clock cycles on the final step the
DRG makes to reach either of the programmed limits. That is, a
positive pulse is generated each time the DRG output reaches the
upper limit and a positive pulse each time the DRG output reaches
the lower limit.
Frequency Jumping Capability in DRG Mode
Another feature of the AD9914 allows the user to skip a predefined
range of frequencies during a normal sweep. The frequency jump
enable bit in CFR2 (0x01[14]) enables this functionality. When this
bit is set, the sweeping logic monitors the instantaneous frequency.
For example, during an up sweep, when the sweeping logic detects
that the next output of the DRG sweep accumulator is equal or
exceed the frequency point defined in the lower frequency jump
register (0x09), instead of accumulating a delta tuning word (as in
normal sweeping), the output of the DRG sweep accumulator skips
directly to the frequency value set in the upper frequency jump
register (0x0A), and vice versa for a down sweep. Figure 41 is a
frequency vs. time profile depicting an example of the behavior of
the frequency jump feature.
A second frequency jump can also be allowed if the frequency jump
registers are reprogrammed before the sweeping is complete.
The following rules apply when this feature is enabled:
►
The frequency jump feature requires that P and N (see the DRG
Slope Control section) be greater than 2.
►
The frequency jump values must lie between the lower limit and
upper limit of the frequency sweep range.
►
The value stored in the lower frequency jump register must be
less than the value stored in the upper frequency jump register.
►
Setting both no-dwell bits (0x01[18:17]) to Logic 1 disables the
frequency jump feature.
Figure 41. Frequency vs. Time
POWER-DOWN CONTROL
The AD9914 offers the ability to independently power down three
specific sections of the device. Power-down functionality applies to
the following:
►
Digital core
►
DAC
►
Input REF CLK clock circuitry
A power-down of the digital core disables the ability to update the
serial/parallel input/output port. However, the digital power-down
bit (0x00[7]) can still be cleared to prevent the possibility of a
nonrecoverable state.
Software power-down is controlled via three independent pow-
er-down bits in CFR1. Software control requires that the
EXT_PWR_DWN pin be forced to a Logic 0 state. In this case,
setting the desired power-down bits (0x00[7:5]) via the serial
input/output port powers down the associated functional block,
whereas clearing the bits restores the function.
Alternatively, all three functions can be simultaneously powered
down via external hardware control through the EXT_PWR_DWN
pin. When this pin is forced to Logic 1, all four circuit blocks are
powered down regardless of the state of the power-down bits;
that is, the independent power-down bits in CFR1 are ignored and
overridden when EXT_PWR_DWN is Logic 1.
The type of power-down activated by asserting the
EXT_PWR_DWN pin depends on the state of CFR1[3]. When
CFR1[3] = 1 (default), assertion of the EXT_PWR_DWN pin
activates full power-down mode. As such, deasserting the
EXT_PWR_DWN pin necessitates DAC calibration and, if the
PLL is enabled, VCO calibration, as well. Alternatively, when
CFR1[3] = 0, assertion of the EXT_PWR_DWN pin activates
fast recovery power-down mode. Fast recovery power-down mode
maintains power to the DAC bias circuitry, the PLL, VCO, and
input clock circuitry. Because the DAC, input clock circuitry, and
PLL remain active in fast recovery power-down mode, it is not
necessary to perform DAC or VCO calibration after deasserting the
EXT_PWR_DWN pin when CFR1[3] = 0. Although fast recovery
power-down mode offers only incremental power savings compared
to full power-down mode, fast recovery power-down mode allows
the device to awaken from the power-down state very quickly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com