Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
28 of 57
Figure 28. CMRR vs. Frequency
Figure 31. Open-Loop Gain and Phase vs. Frequency
Figure 29. Output Balance vs. Frequency
Figure 32. Output Overdrive Recovery, G = 2
Figure 30. PSRR vs. Frequency
Figure 33. Voltage Noise Spectral Density, Referred to
Input
110
40
50
60
70
80
90
100
0.1
1
10
100
FREQUENCY (MHz)
100
–40
0
–210
10k
100k
1M
10M
100M
1G
–195
–180
–165
–150
–135
–120
–105
–90
–75
–60
–45
–30
–15
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
1k
100
10
1
110
130
120
140
30
15
–240
–225
PHASE
GAIN
–10
–80
0.1
1
10
100
FREQUENCY (MHz)
–70
–60
–50
–20
–30
–40
14
–14
–10
–8
0
2
10
12
–6
0
1000
TIME (ns)
100
200
300
400
500
600
700
800
900
–12
–4
–2
4
6
8
G = +10
10 × VIN
VOUT, dm
130
40
0.1
1
10
100
FREQUENCY (MHz)
50
60
70
80
90
120
100
110
+PSRR
–PSRR
10 AMPLIFIERS
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com