Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
51 of 57
When more accurate control of the output common-mode level is required, it is recommended that an external
source, or resistor divider (10 kΩ or greater resistors), be used. The output common-mode offset listed in Table 2,
Table 5, and Table 8 assumes that the VOCM input is driven by a low impedance voltage source.
It is also possible to connect the VOCM input to a common-mode level (CML) output of an ADC. However, care must be
taken to ensure that the output has sufficient drive capability. The input impedance of the VOCM pin is approximately
125 kΩ.
Disable Pin
The ADA4945-1 features a DISABLE pin that can be used to minimize the quiescent current consumed when the
device is not being used. DISABLE is asserted by applying a low logic level to the DISABLE pin. The logic level for the
DISABLE
pin is referenced to DGND. See Table 3, Table 6, and Table 9 for the threshold limits.
The DISABLE pin features an internal pull-up network that enables the amplifier for normal operation. The ADA4945-
1 DISABLE pin can be left floating (that is, no external connection is required) and does not require an external pullup
resistor to ensure normal on operation (see Figure 110). When the ADA4945-1 is disabled, the output is high
impedance. Note that the outputs are tied to the inputs through the feedback resistors and to the source using the
gain resistors. In addition, there are back to back diodes on the input pins that limit the differential voltage to 1.2 V.
Figure 110. DISABLE Pin Circuit
Driving a Capacitive Load
A purely capacitive load reacts with the bond wire and pin inductance of the ADA4945-1, resulting in high frequency
ringing in the transient response and loss of phase margin. One way to minimize this effect is to place a resistor in
series with each output to buffer the load capacitance. The resistor and load capacitance form a first-order, low-pass
filter. Therefore, the resistor value must be as small as possible. In some cases, the ADCs require small series resistors
to be added on their inputs.
Figure 111 shows the capacitive load vs. the series resistance required to maintain a minimum 45° of phase margin.
The test circuit is shown in Figure 112.
DISABLE
AMPLIFIER
BIAS CURRENT
–VS
+VS
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com