Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
8 of 57
Table 2. VOCM to Common-Mode Output Voltage (VOUT,cm) Performance
PARAMETER
SYMBOL
TEST
CONDITIONS/COMMENTS
FULL POWER
MODE
LOW POWER
MODE
UNIT
MIN TYP MAX MIN
TYP
MAX
VOCM DYNAMIC PERFORMANCE
−3 dB Small
Signal Bandwidth
f3dB,VOCM
VOUT, cm = 20 mV p-p
35
15
MHz
−3 dB Large
Signal Bandwidth
VOUT, cm = 2 V p-p
3.8
1.3
MHz
Slew Rate
SRVOCM
VOUT, cm = 2 V p-p
26
9
V/µs
Input Voltage
Noise
VN, VOCM
f = 100 kHz
35
45
nV/√Hz
Gain
ΔVOUT, cm/ΔVOCM, ΔVOCM =
±1 V
0.99
1
1.01 0.99
1
1.01
V/V
VOCM CHARACTERISTICS
Input Common-
Mode Voltage
Range
VOCM
−VS
+
0.4
+VS
−
1.4
−VS
+
0.4
+VS
−
1.4
V
Input
Resistance
RIN, VOCM
125
125
kΩ
Offset Voltage
VOS, VOCM
Common mode offset
(VOS, cm) = VOUT, cm − VOCM,
positive input (VIP) =
negative input (VIN) =
VOCM = 0 V, 25°C
±5
±60
±5
±60
mV
TA = 20°C to 85°C
±10
±10
mV
TA = −40°C to +125°C
±20
±20
mV
Input Offset
Voltage Drift
VOS_TC, VOCM
TA = 20°C to 85°C
±5
±5
µV/°C
TA = −40°C to +125°C
±10
±10
µV/°C
Input Bias
Current
IB, VOCM
TA = 25°C
-220
-160
nA
TA = 20°C to 85°C
-300
-205
nA
TA = −40°C to +125°C
-350
-230
nA
Input Bias
Current Drift
IB_TC, VOCM
TA = 20°C to 85°C
-1.3
-0.75
nA/°C
TA = −40°C to +125°C
-1.5
-1.0
nA/°C
CMRR
CMRRVOCM
ΔVOS, dm/ΔVOCM, ΔVOCM =
±1 V
-130
-130
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com