Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
22 of 57
flowing to the load, as well as currents flowing through the external feedback networks and internal common-mode
feedback loop. The internal resistor tap used in the common-mode feedback loop places a negligible differential
load on the output. Consider RMS voltages and currents when dealing with ac signals.
Airflow reduces θJA. In addition, more metal directly in contact with the package leads from metal traces through
holes, ground, and power planes reduces the θJA.
Figure 2 shows the maximum safe power dissipation in the package vs. the ambient temperature for the 16-lead
LFCSP (θJA= 70°C/W) package on a JEDEC standard 4-layer board. θJA values are approximations.
Figure 2. Maximum Safe Power Dissipation vs. Ambient Temperature
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can
discharge without detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid performance degradation or loss of
functionality.
3.0
0
–40
–20
0
20
40
60
120
100
80
AMBIENT TEMPERATURE (°C)
0.5
1.0
1.5
2.0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com