Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
20 of 57
PARAMETER
SYMBOL
TEST
CONDITIONS/COMMENTS
FULL POWER
MODE
LOW POWER
MODE
UNIT
MIN
TYP
MAX MIN
TYP
MAX
Quiescent
Current
Disabled
Low power mode, MODE = −VS
60
70
µA
+PSRR
+PSRR
ΔVOS,dm/ΔVS, ΔVS = 1 V p-p
-120
-120
dB
−PSRR
-PSRR
ΔVOS,dm/ΔVS, ΔVS= 1 V p-p
-120
-120
dB
OPERATING
TEMPERATURE
RANGE
-40
+125
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com