Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
44 of 57
The common-mode feedback loop drives the output common mode voltage that is sampled at the midpoint of the
output voltage divider to equal the voltage at VOCM. This voltage equalization results in the following relationships:
V+OUT = VOCM +
VOUT,dm
2
V−OUT = VOCM −
VOUT,dm
2
Note that the summing junction input voltages of the differential amplifier (+IN and −IN in Figure 99) are set by both
the output voltages and the input voltages.
V+IN = +DIN (
RF
RF + RG
) + V−OUT (
RG
RF + RG
)
V−IN = −DIN (
RF
RF+RG
) + V+OUT (
RG
RF+RG
)
Output Voltage Clamp
In addition to the differential and common-mode signal paths, the ADA4945-1 implements clamping circuits to
protect the input devices of circuits being driven by the ADA4945-1, hereafter assumed to be an ADC, from being
overdriven and potentially damaged. These clamping circuits use both differential and common-mode feedback to
limit the output voltages to a range defined by the voltage applied to two reference pins, +VCLAMP and −VCLAMP. These
high impedance pins are typically connected to potentials that define the allowable input range of the ADC, which
are the ADC reference voltages (+VREF and −VREF) for most ADCs.
As shown in Figure 100, the common-mode clamping circuit senses the output voltage midpoint and applies a
common mode feedback signal to prevent VOUT, cm from exceeding +VCLAMP or going below −VCLAMP.
Figure 100. Common-Mode Clamp Block Diagram
The differential clamping circuit, shown in Figure 101, senses each output (+OUT and −OUT) and applies a differential
feedback signal to prevent either output from exceeding (+VCLAMP + 0.5 V) or going below (−VCLAMP − 0.5 V). The
approximately 500 mV offset voltage is designed to allow the outputs to fully use the input range of the ADC without
any clamp engagement, while providing input protection prior to the turn on of the ADC input protection diodes.
This feature allows the ADA4945-1 to provide a full-scale signal to the ADC without incurring any clamp induced
distortion, thus maximizing signal-to-noise ratio (SNR) and linearity while protecting the ADC inputs.
–OUT
+VCLAMP
UPPER
COMMON-MODE
CLAMP
LOWER
COMMON-MODE
CLAMP
iCLAMP (CM)
–VCLAMP
+OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com