Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
45 of 57
Figure 101. Differential Clamp Block Diagram
By applying a differential feedback signal in response to one or both outputs exceeding the clamp reference voltages,
both outputs are limited equally, even if only one output exceeds one of the clamp reference voltages. This feature
allows the ADA4945- 1 to maintain a constant output common-mode voltage even while clamping the differential
outputs, which enables a faster system recovery from a clamped condition.
In systems where output clamping is not desired, the upper output clamp can be disabled by connecting +VCLAMP to
+VS, and the lower output clamp can be disabled by connecting −VCLAMPto −VS. If one clamp is disabled (for example,
−VS= −VCLAMP = 0 V), the other can be remain active, and the output is limited when either or both outputs reaches the
active clamp reference.
An additional feature of the ADA4945-1 is the use of a resistor divider between the +VCLAMP and −VCLAMP pins, as shown
in Figure 99, to set the default potential on the VOCM pin when the pin is not externally driven. Because the +VCLAMP and
−VCLAMP pins are typically set to the maximum and minimum desired input voltage of the ADC (for example, +VREF and
−VREF), respectively, this resistor divider sets the output common-mode voltage of the ADA4945-1 at the midpoint of
the ADC input range by default. By contrast, most fully-differential amplifiers use a resistor divider between the
amplifier supply voltages to set the default output common-mode voltage, which may not be optimal for maximizing
ADC input range usage.
Power Modes
The ADA4945-1 implements two fully characterized active power modes (full power, low power) and a disable mode
to optimize system power and performance trade-offs. The transition time from disable mode to either of the active
power modes is fast (<2μs), allowing additional power savings by dynamically placing the ADA4945-1 in disable mode
when the output voltage is not needed (for example, between ADC samples in low data rate systems).
–OUT
+VCLAMP
UPPER
DIFFERENTIAL
CLAMP
iCLAMP (DIFF)
+OUT
–
+
500 mV
LOWER
DIFFERENTIAL
CLAMP
–VCLAMP
500 mV
iCLAMP (DIFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com