Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
47 of 57
Note that the output noise from VOCM goes to zero in this case. The total differential output noise density, vnOD, is the
root-sum square of the individual output noise terms
vnOD = √∑ v2nOi
8
i=1
Table 13.Output Noise Voltage Density Calculations
Input Noise Contribution Input Noise Term
Input Noise
Voltage
Density
Output
Multiplication
Factor
Output-Referred Noise
Voltage Density Term
Differential Input
vnIN
vnIN
GN
vnO1 = GN (vnIN)
Inverting Input
inIN−
inIN− × (RG2||RF2)
GN
vnO2 = GN [inIN− × (RG2||RF2)]
Noninverting Input
inIN+
inIN+ × (RG1||RF1)
GN
vnO3 = GN [inIN+ × (RG1||RF1)]
VOCM Input
vnCM
vnCM
GN (β1 − β2)
vnO4 = GN (β1 − β2)(vnCM)
Gain Resistor, RG1
vnRG1
(4kTRG1)1/2
GN (1 − β2)
vnO5 = GN (1 − β2)(4kTRG1)1/2
Gain Resistor, RG2
vnRG2
(4kTRG2)1/2
GN (1 − β1)
vnO6 = GN (1 − β1)(4kTRG2)1/2
Feedback Resistor, RF1
vnRF1
(4kTRF1)1/2
1
vnO7 = (4kTRF1)1/2
Feedback Resistor, RF2
vnRF2
(4kTRF2)1/2
1
vnO8 = (4kTRF2)1/2
Impact of Mismatches in the Feedback Networks
Even if the external feedback networks (RF/RG) are mismatched, the internal common-mode feedback loop still forces
the outputs to remain balanced. The amplitudes of the signals at each output remain equal and 180° out of phase.
The input-to-output, differential mode gain varies proportionately to the feedback mismatch, but the output balance
is unaffected.
As well as causing a noise contribution from VOCM, ratio matching errors in the external resistors result in a
degradation of the ability of the circuit to reject input common-mode signals, similar to a four resistors difference
amplifier made from a conventional op amp.
In addition, if the dc levels of the input and output common mode voltages are different, matching errors result in a
small differential mode, output offset voltage. When G = 1, with a ground referenced input signal and the output
common-mode level set to 2.5 V, an output offset of as much as 25 mV (1% of the difference in common-mode levels)
can result if 1% tolerance resistors are used. Resistors of 1% tolerance result in a worst case input CMRR of about 40
dB, a worst case differential mode output offset of 25 mV due to the 2.5 V level shift, and no significant degradation
in output balance error.
Calculating the Input Impedance of an Application Circuit
The effective input impedance depends on whether the signal source is single-ended or differential. For a balanced
differential input signal, as shown in Figure 103, the input impedance (RIN, dm) between the inputs (+DIN and −DIN) is
RIN,dm = 2 × RG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com