Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
48 of 57
Figure 103. ADA4945-1 Configured for Balanced (Differential) Inputs
For an unbalanced single-ended input signal, as shown in Figure 104, the input impedance is
RIN,SE = RGI
β1 + β2
β1(β2 + 1)
where:
β1 =
RG1
RG1 + RF1
β2 =
RG2
RG2 + RF2
Figure 104. ADA4945-1 with Unbalanced (Single-Ended) Input
For a balanced system where RG1 = RG2 = RG and RF1 = RF2 = RF, the equations simplify to
β1 = β2 =
RG
RG+RF
and R
IN,SE = (
RG
1−
RF
2(RG+RF)
)
The input impedance of the circuit is effectively higher than it would be for a conventional op amp connected as an
inverter because a fraction of the differential output voltage appears at the inputs as a common-mode signal,
partially bootstrapping the voltage across the RG1 input resistor.
Terminating a Single-Ended Input
This section describes how to properly terminate a single-ended input to the ADA4945-1. Assume a system gain of 1
where RF1 = RF2 = RG1 = RG2 = 499 Ω, an input source with an open-circuit output voltage of 2 Vp-p, and a source resistance
of 50 Ω. Figure 105 shows the circuit.
1. Calculate the input impedance.
β1 = β2 = 499/998 = 0.5 and RIN = 665.33 Ω
+VS
ADA4945-1
+IN
–IN
RF
RF
+DIN
–DIN
VOCM
RG
RG
VOUT, dm
ADA4945-1
RL VOUT, dm
+VS
–VS
RG1
RG2
RF2
RF1
VOCM
RIN, SE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com