Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
29 of 57
Figure 34. Input Current Noise Spectral Density
Figure 37. Closed-Loop Output Impedance Magnitude
vs. Frequency, G = 1
Figure 35. DISABLE Pin Turn-Off Time
Figure 38. DISABLE Pin Turn-On Time
Figure 36. 0.1% Settling Time
Figure 39. Small Signal Transient Response for Various
Gains and Loads
10 AMPLIFIERS
FREQUENCY (Hz)
1
10
100
1k
10k
100k
0.1
1
10
100
100
10
1
0.1
0.01
0.1
1
10
100
FREQUENCY (MHz)
4.5
0
8
–10
0
2.0
TIME (µs)
–8
–6
–4
–2
0
2
4
6
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
SUPPLY CURRENT
DISABLE
1.2
–0.3
8
–7
0
2.0
TIME (µs)
–6
–4
–2
–1
1
3
4
5
–0.2
0
0.2
0.3
0.5
0.7
0.8
0.9
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–5
–0.1
–3
0.1
0
0.4
2
0.6
6
1.0
7
1.1
DISABLE
+OUT, VICM = 1V
–OUT, VICM = 1V
8
–8
0.4
–0.4
–10
90
TIME (ns)
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
–6
–4
–2
0
2
4
6
0
10
20
40
50
60
70
%ERROR
OUTPUT
INPUT
VOUT, dm = 8V p-p
30
80
100
–100
0
1000
TIME (ns)
–80
–60
–40
–20
0
20
40
60
80
100
300
200
400
500
600
700
800
900
VOUT, dm = 0.1V p-p
G = 1, RL = 1kΩ
G = 1, RL = 100Ω
G = 2, RL = 1kΩ
G = 2, RL = 100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com