Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 121Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 122Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 123Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 124Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 125Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 126Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 127Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 128Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 176 page
background image
© 2007 Microchip Technology Inc.
DS41211D-page 123
PIC12F683
15.6
Thermal Considerations
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Typ
Units
Conditions
TH01
θJA
Thermal Resistance
Junction to Ambient
84.6
°C/W
8-pin PDIP package
163.0
°C/W
8-pin SOIC package
52.4
°C/W
8-pin DFN-S 4x4x0.9 mm package
46.3
°C/W
8-pin DFN-S 6x5 mm package
TH02
θJC
Thermal Resistance
Junction to Case
41.2
°C/W
8-pin PDIP package
38.8
°C/W
8-pin SOIC package
3.0
°C/W
8-pin DFN-S 4x4x0.9 mm package
2.6
°C/W
8-pin DFN-S 6x5 mm package
TH03
TJ
Junction Temperature
150
°C
For derated power calculations
TH04
PD
Power Dissipation
—
W
PD = PINTERNAL + PI/O
TH05
PINTERNAL
Internal Power Dissipation
—
W
PINTERNAL = IDD x VDD
(NOTE 1)
TH06
PI/O
I/O Power Dissipation
—
W
PI/O =
Σ (IOL * VOL) + Σ (IOH * (VDD - VOH))
TH07
PDER
Derated Power
—
W
PDER = (TJ - TA)/
θJA
(NOTE 2, 3)
Note 1:
IDD is current to run the chip alone without driving any load on the output pins.
2:
TA = Ambient Temperature.
3:
Maximum allowable power dissipation is the lower value of either the absolute maximum total power
dissipation or derated power (PDER).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com