Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 123Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 124Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 125Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 126Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 127Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 128Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 129Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 130Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 176 page
background image
© 2007 Microchip Technology Inc.
DS41211D-page 125
PIC12F683
15.8
AC Characteristics: PIC12F683 (Industrial, Extended)
FIGURE 15-4:
CLOCK TIMING
TABLE 15-1:
CLOCK OSCILLATOR TIMING REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
OS01
FOSC
External CLKIN Frequency(1)
DC
—
37
kHz
LP Oscillator mode
DC
—
4
MHz
XT Oscillator mode
DC
—
20
MHz
HS Oscillator mode
DC
—
20
MHz
EC Oscillator mode
Oscillator Frequency(1)
—
32.768
—
kHz
LP Oscillator mode
0.1
—
4
MHz
XT Oscillator mode
1
—
20
MHz
HS Oscillator mode
DC
—
4
MHz
RC Oscillator mode
OS02
TOSC
External CLKIN Period(1)
27
—
•
μs
LP Oscillator mode
250
—
•
ns
XT Oscillator mode
50
—
•
ns
HS Oscillator mode
50
—
•
ns
EC Oscillator mode
Oscillator Period(1)
—30.5
—
μs
LP Oscillator mode
250
—
10,000
ns
XT Oscillator mode
50
—
1,000
ns
HS Oscillator mode
250
—
—
ns
RC Oscillator mode
OS03
TCY
Instruction Cycle Time(1)
200
TCY
DC
ns
TCY = 4/FOSC
OS04*
TosH,
TosL
External CLKIN High,
External CLKIN Low
2—
—
μs
LP oscillator
100
—
—
ns
XT oscillator
20
—
—
ns
HS oscillator
OS05*
TosR,
TosF
External CLKIN Rise,
External CLKIN Fall
0
—
•
ns
LP oscillator
0
—
•
ns
XT oscillator
0
—
•
ns
HS oscillator
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and
are not tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with the
device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at “min” values with an external
clock applied to OSC1 pin. When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for
all devices.
OSC1/CLKIN
OSC2/CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
OS02
OS03
OS04
OS04
OSC2/CLKOUT
(LP,XT,HS Modes)
(CLKOUT Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com